Electronic Components Datasheet Search
  English  ▼

X  

HMC448 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC448
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC448 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC448_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC448_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC448_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC448_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC448_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC448_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
2 - 26
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC448
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 19 - 25 GHz OUTPUT
v01.1007
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, Vd1 = Vd2 = 5V, 0 dBm Drive Level
Typical Applications
The HMC448 is suitable for:
• Clock Generation Applications:
SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space
The HMC448 die is a x2 active broadband frequ-
ency multiplier chip utilizing GaAs PHEMT technology.
When driven by a 0 dBm signal, the multiplier pro-
vides +11 dBm typical output power from 19 to 25 GHz.
The Fo and 3Fo isolations are >22 dBc up to 22 GHz.
This multi-rate frequency multiplier can be used in
the generation of a half rate clock for 40 Gbps sys-
tems or as part of a multiplier chain to generate a
full rate 40 Gbps clock. The HMC448 is also ideal
for use in LO multiplier chains for Pt to Pt & VSAT
Radios yielding reduced parts count vs. traditional
approaches. The low additive SSB Phase Noise of
-135 dBc/Hz at 100 kHz offset helps maintain good
system noise performance. All data is with the chip
in a 50 ohm test fixture connected via 0.076 x 0.0127
mm (3mil x 0.5mil) ribbon bonds of minimal length
0.31mm (<12mils).
Output Power: +11 dBm
Wide Input Power Range: -4 to +6 dBm
Fo, 3Fo Isolation: >20 dBc @ Fout= 20 GHz
100 KHz SSB Phase Noise: -135 dBc/Hz
Single Supply: 5V@ 48 mA
Die Size: 1.16 x 1.20 x 0.1 mm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
9.5 - 11.0
11.0 - 12.5
GHz
Frequency Range, Output
19 - 22
22 - 25
GHz
Output Power
5
9
8
12
dBm
Fo Isolation (with respect to output level)
25
15
dBc
3Fo Isolation (with respect to output level)
25
22
dBc
Input Return Loss
9
6
dB
Output Return Loss
5
5
dB
SSB Phase Noise (100 kHz Offset)
-135
-135
dBc/Hz
Supply Current (Idd)
48
67
48
67
mA


Similar Part No. - HMC448_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC448 HITTITE-HMC448_06 Datasheet
323Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
More results

Similar Description - HMC448_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC448 HITTITE-HMC448 Datasheet
228Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC579 HITTITE-HMC579 Datasheet
273Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC448 HITTITE-HMC448_06 Datasheet
323Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
HMC814 HITTITE-HMC814_09 Datasheet
243Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC942LP4E HITTITE-HMC942LP4E Datasheet
581Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 25 - 31 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B_09 Datasheet
224Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
logo
Analog Devices
HMC448 AD-HMC448 Datasheet
325Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com