Electronic Components Datasheet Search
  English  ▼

X  

CT05 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # CT05
Description  Current Sense Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

CT05 Datasheet(HTML) 1 Page - ice Components, Ins.

  CT05 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
-Full Selection of Turns Ratios
-Primary Current (Ip) Rated for 25A
-Frequency Range up to 500kHz
-Compact Package
APPLICATIONS
-DC/DC Converters
-AC/DC Converters
Mechanical
Electrical Specifications
CT05-050
CT05-100
CT05-200
CT05-500
CT05-1000
Part
Number
0.50
2.0
4.5
16.0
50.0
Sec. DCR
(Ω, max.)
4,000
4,000
4,000
4,000
4,000
Hi-Pot
1. Tested @ 10kHz, 0.1Vrms
-1000 tested @ 1kHz, 0.1Vrms
2. Electrical specifications at 25ºC.
3. Operating temperature range:
-40ºC to +130ºC.
4. Meets UL 94V-0.
5. ET rating is based on a bipolar
waveform
Sec. Ls
1
(mH, min.)
4.7
18.0
76.0
470
1900
175
350
700
1750
3500
ET
5
(V-mS max.)
Turns Ratio
(Np:Ns)
1:50
1:100
1:200
1:500
1:1000
PACKAGING
-Pcs/Tray:
108
-Trays/Box:
12
-Pcs/Box:
1296
Footprint
Schematic
800.729.2099 tel
www.icecomponents.com
(10/10) CT05-1
Specifications subject to change without notice.
CT05 Series
Current Sense Transformer
3
5
2
1
Pri.
Sec.
3
5
2
1
Pri.
Sec.
1
2
5
3
TOP VIEW
5.0
12.5
15.0
7.5
4
1
5
3
17.6 MAX
12.0 MAX
CT05-XXX
YYWW
3.0 +/- 0.5
1
5
3
15.3 MAX
Pin 1&2: sq. 0.5
Pin 3&5: dia. 1.2
Dimensions in mm
Output Voltage and ET Rating Formulas
Rb (Ω): Terminating Resistance
F (HZ): Freq
Es (V): Ouptut Voltage
ET rating is based on a bipolar waveform
Es=Ip*Rb/Ns
ET=Es*1/2F


Similar Part No. - CT05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT05 ETC1-CT05 Datasheet
80Kb / 2P
Series Molded Switch
logo
Coto Technology
CT05 COTO-CT05 Datasheet
513Kb / 2P
CT05 SERIES MOLDED SWITCH
logo
Allied Components Inter...
CT05 ALLIED-CT05 Datasheet
1Mb / 1P
Ceramic Core Low Profile Chip Inductors
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
CT05-100 ICE-CT05-100 Datasheet
401Kb / 1P
Current Sense Transformer
More results

Similar Description - CT05

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
262Kb / 1P
Current Sense Transformer
logo
PCA ELECTRONICS INC.
EPA225 PCA-EPA225 Datasheet
31Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-806 RHOMBUS-IND-T-806 Datasheet
29Kb / 1P
CURRENT SENSE TRANSFORMER
6/18/96
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
Current Sense Transformer
logo
ice Components, Ins.
CT02 ICE-CT02_08 Datasheet
691Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-20101 RHOMBUS-IND-T-20101 Datasheet
23Kb / 1P
CURRENT SENSE TRANSFORMER
5/10/00
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
CT06-050 ICE-CT06-050 Datasheet
557Kb / 1P
Current Sense Transformer
logo
XFMRS Inc.
XF0203-CSVP XFMRS-XF0203-CSVP Datasheet
38Kb / 1P
Current Sense Transformer
logo
ZETTLER Electronics
ACST-200 ZETTLER-ACST-200 Datasheet
133Kb / 2P
CURRENT SENSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com