Electronic Components Datasheet Search
  English  ▼

X  

GS75-121 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # GS75-121
Description  Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

GS75-121 Datasheet(HTML) 1 Page - ice Components, Ins.

  GS75-121 Datasheet HTML 1Page - ice Components, Ins. GS75-121 Datasheet HTML 2Page - ice Components, Ins. GS75-121 Datasheet HTML 3Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Flat top is ideal for pick and place
High saturation current
Ideal for DC/DC and SMPS applications
Custom values available
Shielded designs available
GS
X X X
X X X
X
X
1
2
3
4
5
1. GS: Surface Mount Power Inductor
2. Size: 43/54/75/105
3. Inductance:
4. Packaging: R–Tape and Reel
B–Bulk
5. Tolerance: J 5%, K 10%, L 15%, M 20%, N 30%
P A R T
I n F O R M A T I O n
ELECTRICAL
SPECIFICA TIO n S
GS
43
Part number
Inductance
Test Freq.
RDC
IDC
(uH min.)
(MHz)
(Ohms)
(Amps)
GS43-1R0
1.00
7.96 MHz
0.033
3.80
GS43-1R4
1.40
7.96 MHz
0.038
3.30
GS43-1R8
1.80
7.96 MHz
0.042
2.91
GS43-2R2
2.20
7.96 MHz
0.047
2.60
GS43-2R7
2.70
7.96 MHz
0.052
2.43
GS43-3R3
3.30
7.96 MHz
0.058
2.15
GS43-3R9
3.90
7.96 MHz
0.076
1.98
GS43-4R7
4.70
7.96 MHz
0.094
1.70
GS43-5R6
5.60
7.96 MHz
0.101
1.60
GS43-6R8
6.80
7.96 MHz
0.117
1.41
GS43-8R2
8.20
7.96 MHz
0.132
1.26
GS43-100
10.00
2.52 MHz
0.182
1.15
GS43-120
12.00
2.52 MHz
0.210
1.05
GS43-150
15.00
2.52 MHz
0.235
0.92
GS43-180
18.00
2.52 MHz
0.338
0.84
GS43-220
22.00
2.52 MHz
0.378
0.76
GS43-270
27.00
2.52 MHz
0.522
0.71
GS43-330
33.00
2.52 MHz
0.540
0.64
GS43-390
39.00
2.52 MHz
0.587
0.59
GS43-470
47.00
2.52 MHz
0.844
0.54
GS43-560
56.00
2.52 MHz
0.937
0.50
GS43-680
68.00
2.52 MHz
1.117
0.46
GS Series
Surface Mount Power Inductors
36
(02/08) GS-1


Similar Part No. - GS75-121

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GS75-121 ICE-GS75-121 Datasheet
783Kb / 3P
Surface Mount Power Inductors
More results

Similar Description - GS75-121

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com