Electronic Components Datasheet Search
  English  ▼

X  

ICS5342 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS5342 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ICS5342 Datasheet HTML 15Page - Integrated Device Technology ICS5342 Datasheet HTML 16Page - Integrated Device Technology ICS5342 Datasheet HTML 17Page - Integrated Device Technology ICS5342 Datasheet HTML 18Page - Integrated Device Technology ICS5342 Datasheet HTML 19Page - Integrated Device Technology ICS5342 Datasheet HTML 20Page - Integrated Device Technology ICS5342 Datasheet HTML 21Page - Integrated Device Technology ICS5342 Datasheet HTML 22Page - Integrated Device Technology ICS5342 Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
ICS5342
GENDAC
19
out numbers with a calculator will produce a workable
combination. Multiplying possible values of (N1+2) by
the desired ratio will indicate approximately the value of
M. This method is shown in the example below. A pro-
gram could be written to try all possible combinations of
(M+2) and (N1+2) (3937 possible combinations). Dis-
card those outside the error band, and select from those
remaining by giving preference to ratios which use lower
values of (M+2). Lower values of (M+2) and (N1+2)
provide better noise rejection in the phase locked loop.
Example: Suppose you have a 14.318 MHz reference crystal
and want an output frequency of 66 MHz. You want to limit
the VCO frequency to 240 Mhz and have an error of no great-
er than 0.5%. What are the values of the PLL data registers?
A. 66*8 = 528 > 250 — VCO speed too high
66*4 = 264 > 250 — VCO speed too high
66*2 = 132 < 250 — VCO speed OK, N2 = 2, N2 code =
01 from the Post Divide Code table in the PLL Data
Registers section.
B. 132/14.31818 = 9.219 This is the desired frequency mul-
tiplication ratio.
C. Setting (N1+2) = 3,4, ...12, 13 and performing some
simple calculations yields the following table: (Note that
N1 cannot be 0).
The ratio 83/9 is closest. Thus:
(N2+2) = 9
N2=7
(M+2) = 83
M = 81
The M-byte PLL parameter word is simply 81 in binary, plus
bit 7 (which must be set to 0), or 01010001. The N-byte PLL
parameter word is N2 code (01) concatenated with 5 bits of
N2 in binary (00111), or 00100111. Once again, bit 7 must be
zero.
The combination with the least frequency error was chosen,
but several other combinations are within the 0.5% tolerance.
Because the lowest value of (M+2) offers the best damping,
the 37/4 combination will have the best power supply rejec-
tion. This results in lower jitter due to external noise.
Example Calculation of PLL Data Register Values
(N1 + 2)
(N1 + 2) *9.219
rounded (=M + 2)
Actual Ratio
Percent Error
3
27.657
28
9.33
-1.23
4
36.876
37
9.25
-0.34
5
46.095
46
9.20
0.21
6
55.314
55
9.17
0.57
7
64.533
65
9.29
-0.72
8
73.752
74
9.25
-0.34
9
82.971
83
9.22
-0.03
10
92.19
92
9.20
0.21
11
101.409
101
9.18
0.40
12
110.628
111
9.25
-0.34
13
119.847
120
9.23
-0.13
ICS5342
16-Bit Integrated Clock-LUT-DAC
TSD
IDT™ / ICS™ 16-Bit Integrated Clock-LUT-DAC
ICS5342
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com