Electronic Components Datasheet Search
  English  ▼

X  

464LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 464LP5E
Description  GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

464LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  464LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 464LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 464LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 464LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 464LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 464LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 258
HMC464LP5 / 464LP5E
GaAs PHEMT MMIC
POWER AMPLIFIER, 2 - 20 GHz
v03.0308
General Description
Features
Functional Diagram
The HMC464LP5 & HMC464LP5E are GaAs MMIC
PHEMT Distributed Power Amplifiers in leadless 5 x
5 mm surface mount packages which operate bet-
ween 2 and 20 GHz. The amplifier provides 14 dB
of gain, +30 dBm output IP3 and +26 dBm of output
power at 1 dB gain compression while requiring
290 mA from a +8V supply. Gain flatness is good
from 2 - 18 GHz making the HMC464LP5(E) ideal for
EW, ECM and radar driver amplifiers as well as test
equipment applications. The wideband amplifier I/O’s
are internally matched to 50 Ohms.
P1dB Output Power: +26 dBm
Gain: 14 dB
Output IP3: +30 dBm
Supply Voltage: +8V @ 290 mA
50 Ohm Matched Input/Output
25 mm2 Leadless SMT Package
Typical Applications
The HMC464LP5 / HMC464LP5E is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military EW, ECM & C3I
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25° C, Vdd= 8V, Vgg2= 3V, Idd= 290 mA
[1]
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
2.0 - 6.0
6.0 - 16.0
16.0 - 20.0
GHz
Gain
12
14
11.5
13.5
8
11
dB
Gain Flatness
±0.5
±0.5
±1.0
dB
Gain Variation Over Temperature
0.025
0.035
0.03
0.04
0.05
0.06
dB/ °C
Input Return Loss
15
10
7
dB
Output Return Loss
15
9
11
dB
Output Power for 1 dB Compression
(P1dB)
23.5
26.5
22
25
18
21
dBm
Saturated Output Power (Psat)
27.5
26
24.0
dBm
Output Third Order Intercept (IP3)
32
26
22
dBm
Noise Figure
4.0
4.0
6.0
dB
Supply Current
(Idd) (Vdd= 8V, Vgg= -0.5V Typ.)
290
290
290
mA
[1] Adjust Vgg1 between -2 to 0V to achieve Idd = 290 mA typical.


Similar Part No. - 464LP5E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
464 LITTELFUSE-464 Datasheet
56Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
logo
Moxa Inc.
464 MOXA-464 Datasheet
730Kb / 5P
Superior video performance, 4-channel industrial video encoders
logo
France Joint
464 FRANCEJOINT-464 Datasheet
358Kb / 2P
WIPER SEALS
logo
Mill-Max Mfg. Corp.
464-10-202-00-580 MILL-MAX-464-10-202-00-580 Datasheet
103Kb / 1P
INTERCONNECTS Low Profile, .018??dia. Pins Single and Double Row
464-10-272-00-580 MILL-MAX-464-10-272-00-580 Datasheet
103Kb / 1P
INTERCONNECTS Low Profile, .018??dia. Pins Single and Double Row
More results

Similar Description - 464LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250 Datasheet
350Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC451 HITTITE-HMC451_09 Datasheet
273Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3_08 Datasheet
240Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC463 HITTITE-HMC463_10 Datasheet
310Kb / 8P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC464 HITTITE-HMC464_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com