Electronic Components Datasheet Search
  English  ▼

X  

HMC467LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC467LP3
Description  2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC467LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC467LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC467LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 132
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Functional Diagram
Electrical Specifications, T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V*
The HMC467LP3 / HMC467LP3E is ideal for:
• Cellular; UMTS/3G Infrastructure
• Fixed Wireless & WLL
• Microwave Radio & VSAT
• Test Equipment
2 dB LSB Steps to 6 dB
High IP3: +50 dBm
± 0.2 dB Typical Bit Error
Single Control Line Per Bit
Single +5V Supply
3x3 mm SMT Package
The HMC467LP3 & HMC467LP3E are broadband
2-bit GaAs IC digital attenuators in low cost leadless
surface mount packages. Covering DC to 6.0 GHz, the
insertion loss is less than 0.7 dB typical. The attenuator
bit values are 2 (LSB) and 4 dB for a total attenuation
of 6 dB. Attenuation accuracy is excellent at ± 0.2 dB
typical step error with an IIP3 of +50 dBm. Two control
voltage inputs, toggled between 0 and +5V, are used
to select each attenuation state. A single Vdd bias of
+5V is required.
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.5 GHz
2.5 - 6.0 GHz
0.5
0.8
0.8
1.2
dB
dB
Attenuation Range
DC - 6 GHz
6
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 2.5 GHz
2.5 - 6.0 GHz
20
15
dB
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
2 dB State
4, 6 dB States
DC - 6 GHz
± 0.2 + 2% of Atten. Setting Max.
± 0.4 + 2% of Atten. Setting Max.
dB
dB
Input Power for 0.1 dB Compression
0.25 - 6.0 GHz
22
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
0.25 - 6.0 GHz
50
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 6 GHz
135
155
ns
ns
* Bypass capacitor connecting ACG1 & ACG2 to RF ground required per pin description herein.
v01.0705
2 dB LSB GaAs MMIC 2-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC467LP3 / 467LP3E
Typical Applications
Features
General Description


Similar Part No. - HMC467LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC467LP3 HITTITE-HMC467LP3 Datasheet
203Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
More results

Similar Description - HMC467LP3

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Hittite Microwave Corpo...
HMC467LP3 HITTITE-HMC467LP3 Datasheet
203Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
logo
Skyworks Solutions Inc.
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com