Electronic Components Datasheet Search
  English  ▼

X  

468LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 468LP3E
Description  1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

468LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  468LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 468LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 468LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 468LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 468LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 468LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 138
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC468LP3 / 468LP3E
1 dB LSB GaAs MMIC 3-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
v03.1107
Functional Diagram
Electrical Specifications, T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V
The HMC468LP3 / HMC468LP3E is ideal for:
• Cellular; UMTS/3G Infrastructure
• Fixed Wireless & WLL
• Microwave Radio & VSAT
• Test Equipment
1 dB LSB Steps to 7 dB
High IP3: +50 dBm
± 0.25 dB Typical Bit Error
Single Control Line Per Bit
Single +5V Supply
16 Lead 3x3mm SMT Package: 9mm2
Included in the HMC-DK004 Designer’s Kit
The HMC468LP3 & HMC468LP3E are broadband
3-bit GaAs IC digital attenuators in low cost leadless
surface mount packages. Covering DC to 6.0 GHz,
the insertion loss is less than 1 dB typical up to 4
GHz. The attenuator bit values are 1 (LSB), 2 and 4
dB for a total attenuation of 7 dB. Attenuation accu-
racy is excellent at ±0.4 dB typical step error with an
IIP3 of +50 dBm. Three control voltage inputs, toggled
between 0 and +5V, are used to select each attenua-
tion state. A single Vdd bias of +5V is required.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.5 GHz
2.5 - 4.5 GHz
4.5 - 6.0 GHz
0.7
0.9
1.3
1.0
1.3
1.8
dB
dB
dB
Attenuation Range
DC - 6 GHz
7
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 4 GHz
4.0 - 6.0 GHz
20
15
dB
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
All States
1 - 4 dB States
5 - 7 dB States
DC - 2.5 GHz
2.5 - 6.0 GHz
2.5 - 6.0 GHz
± 0.2 + 2% of Atten. Setting Max.
± 0.3 + 3% of Atten. Setting Max.
± 0.4 + 4% of Atten. Setting Max.
dB
dB
dB
Input Power for 0.1 dB Compression
0.25 - 6.0 GHz
20
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
0.25 - 6.0 GHz
50
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 6 GHz
110
135
ns
ns
* Bypass capacitor connecting ACG1, ACG2 & ACG3 to RF ground required per pin description herein.
Typical Applications
Features
General Description


Similar Part No. - 468LP3E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
468 LITTELFUSE-468 Datasheet
133Kb / 1P
Lead-Free SlimLine 1206 Slo-Blo Fuse 468 Series
logo
France Joint
468 FRANCEJOINT-468 Datasheet
360Kb / 2P
WIPER SEALS
logo
Jet Tec
468-7772 JETTEC-468-7772 Datasheet
31Kb / 1P
Compatible Ink Cartridges
logo
France Joint
468.0200284 FRANCEJOINT-468.0200284 Datasheet
360Kb / 2P
WIPER SEALS
468.3020028 FRANCEJOINT-468.3020028 Datasheet
360Kb / 2P
WIPER SEALS
More results

Similar Description - 468LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC467LP3 HITTITE-HMC467LP3_08 Datasheet
206Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC542LP4 HITTITE-HMC542LP4_10 Datasheet
621Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com