Electronic Components Datasheet Search
  English  ▼

X  

ICS952003 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS952003
Description  Programmable Timing Control Hub??for P4??processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS952003 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS952003 Datasheet HTML 1Page - Integrated Device Technology ICS952003 Datasheet HTML 2Page - Integrated Device Technology ICS952003 Datasheet HTML 3Page - Integrated Device Technology ICS952003 Datasheet HTML 4Page - Integrated Device Technology ICS952003 Datasheet HTML 5Page - Integrated Device Technology ICS952003 Datasheet HTML 6Page - Integrated Device Technology ICS952003 Datasheet HTML 7Page - Integrated Device Technology ICS952003 Datasheet HTML 8Page - Integrated Device Technology ICS952003 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS952003
Preliminary Product Review
Block Diagram
0488B—04/09/02
Pin Configuration
Recommended Application:
SIS 645/650 style chipsets.
Output Features:
•
2 - Pairs of differential CPUCLKs (differential current mode)
•
1 - SDRAM @ 3.3V
•
8 - PCI @3.3V
•
2 - AGP @ 3.3V
•
2 - ZCLKs @ 3.3V
•
1- 48MHz, @3.3V fixed.
•
1- 24/48MHz, @3.3V selectable by I
2C
(Default is 24MHz)
•
3- REF @3.3V, 14.318MHz.
Features/Benefits:
•
Selectable asynchronous/synchronous SDRAM, AGP,
ZCLK and PCI outputs
•
Programmable output frequency, divider ratios, output rise/
falltime, output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
For PC133 SDRAM system use the ICS9179-16 as the
memory buffer.
•
For DDR SDRAM system use the ICS93705 or
ICS93722 as the memory buffer.
•
Uses external 14.318MHz crystal.
Key Specifications:
•
PCI - PCI output skew: < 500ps
•
CPU - SDRAM output skew: < 1ns
•
AGP - AGP output skew: <150ps
Programmable Timing Control Hub™ for P4™ processor
* These inputs have a 120K pull up to VDD.
** These inputs have a 120K pull down to GND.
48-Pin 300-mil SSOP
Functionality
Power Groups
VDDCPU = CPU
VDDPCI = PCICLK_F, PCICLK
VDDSD = SDRAM
AVDD48 = 48MHz, 24MHz, fixed PLL
AVDD = Analog Core PLL
VDDAGP= AGP
VDDREF = Xtal, REF
VDDZ = ZCLK
Note: For additional margin testing frequencies, refer to Byte 4
Bit 2 Bit 7 Bit 6 Bit 5 Bit 4
CPU
SDRAM ZCLK
AGP
PCI
FS4 FS3 FS2 FS1 FS0 (MHz )
(MHz)
(MHz)
(MHz)
(MHz)
00
0
0
0
66.67
66.67
66.67
66.67
33.33
00
0
0
1
100.00
100.00
66.67
66.67
33.33
00
0
1
0
100.00
200.00
66.67
66.67
33.33
00
0
1
1
100.00
133.33
66.67
66.67
33.33
00
1
0
0
100.00
150.00
60.00
60.00
30.00
00
1
0
1
100.00
125.00
62.50
62.50
31.25
00
1
1
0
100.00
160.00
66.67
66.67
33.33
00
1
1
1
100.00
133.33
80.00
66.67
33.33
01
0
0
0
100.00
200.00
66.67
66.67
33.33
01
0
0
1
100.00
166.67
62.50
62.50
31.25
01
0
1
0
100.00
166.67
71.43
83.33
41.67
01
0
1
1
80.00
133.33
66.67
66.67
33.33
01
1
0
0
80.00
133.33
66.67
66.67
33.33
01
1
0
1
95.00
95.00
63.33
63.33
31.67
01
1
1
0
95.00
126.67
63.33
63.33
31.67
01
1
1
1
66.67
66.67
50.00
50.00
25.00
VDDREF
FS0/REF0
*FS1/REF1
X1
X2
GNDZ
ZCLK0
VDDPCI
PCICLK0
PCICLK1
GNDPCI
VDDPCI
**
*
**FS2/REF2
GNDREF
ZCLK1
VDDZ
*PCI_STOP#
**FS3/PCICLK_F0
**FS4/PCICLK_F1
PCICLK2
PCICLK3
PCICLK4
PCICLK5
GNDPCI
VDDSD
SDRAM
GNDSD
CPU_STOP#
PD#*/Vtt_PWRGD
GNDAGP
AGPCLK0
AGPCLK1
VDDAGP
VDDA48
48MHz
24_48MHz/MULTISEL
GND48
*
CPUCLKT_1
CPUCLKC_1
VDDCPU
GNDCPU
CPUCLKT_0
CPUCLKC_0
IREF
GNDA
VDDA
SCLK
SDATA
*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
I REF
CPU
DIVDER
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
ZCLK (1:0)
PCICLK (9:0)
AGP (1:0)
PCICLK_F (1:0)
2
2
2
6
2
X1
X2
XTAL
OSC
ZCLK
DIVDER
PCI
DIVDER
Stop
SDATA
SCLK
FS (4:0)
PD#
PCI_STOP#
CPU_STOP#
MULTISEL
PD#/Vtt_PWRGD
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
AGP
DIVDER
SDRAM
SDRAM
Stop
2
2
CPUCLKT (1:0)
CPUCLKC (1:0)
DIVDER
PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to
change without notice.


Similar Part No. - ICS952003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952003 ICST-ICS952003 Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
ICS952003YFT ICST-ICS952003YFT Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
More results

Similar Description - ICS952003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS952004 ICST-ICS952004 Datasheet
173Kb / 10P
Programmable Timing Control Hub??for P4??processor
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS951402 ICST-ICS951402 Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
ICS952003 ICST-ICS952003 Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
ICS952011 ICST-ICS952011 Datasheet
170Kb / 25P
Programmable Timing Control Hub for P4 processor
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
954310 RENESAS-954310 Datasheet
347Kb / 22P
Programmable Timing Control Hub™ for P4™ processor
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com