Electronic Components Datasheet Search
  English  ▼

X  

IMP Datasheet(PDF) 5 Page - Emerson Network Power

Part # IMP
Description  Intelligent MP Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IMP Datasheet(HTML) 5 Page - Emerson Network Power

  IMP_11 Datasheet HTML 1Page - Emerson Network Power IMP_11 Datasheet HTML 2Page - Emerson Network Power IMP_11 Datasheet HTML 3Page - Emerson Network Power IMP_11 Datasheet HTML 4Page - Emerson Network Power IMP_11 Datasheet HTML 5Page - Emerson Network Power IMP_11 Datasheet HTML 6Page - Emerson Network Power IMP_11 Datasheet HTML 7Page - Emerson Network Power IMP_11 Datasheet HTML 8Page - Emerson Network Power IMP_11 Datasheet HTML 9Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev.08.04.11_77
iMP Series
5 of 9
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
DC-DC Converter Output Modules
Control Signal Information, J1 Control Connector
Pin No.
Function
1
+ Remote Sense
single or dual o/p main
2
Remote Margin / V. Program
single o/p
3
Margin High
single o/p
4
- Remote Sense / Margin Low single or dual o/p main
5
Spare
6
Module, Isolated Inhibit
single or dual o/p
7
Module Inhibit return
single or dual o/p
8
Current Share (SWP)
single or dual o/p main
9
+ Remote Sense V2
dual o/p, single is spare
10
- Remote Sense V2
dual o/p, single is spare
*Note: All iMP modules have a green DCOK LED.
(except for 36 W module)
.63”
(16.0)
.32”
(8.1)
.33”
(8.5)
V ADJ
V-
V+
M 4 X 8 SCREWS WITH
CONICAL WASHER
DC OUTPUT CONNECTOR
PIN 1
.32"
(8.1)
.44” (11.2)
2X
V+
M4X8 SCREWS WITH CONICAL WASHER
DC OUTPUT CONNECTOR
PIN 1
V-
V ADJ
PIN 1
V2 ADJ
.32
(8.1)
.42 (10.7)
V1 +
V1 -
V2 +
M3X8 SCREWS WITH SPRING WASHER
(4X)
.46 (11.7)
(4X)
.30 (7.5)(3X)
V1 ADJ
1.17 (29.7)
V2 -
Single 210 Watt
Dual 144 Watt
Single 360 Watt
Single 750 Watt
i
MP Modules
Triple 36 Watt
V1 ADJ
V2 ADJ
V3 ADJ
V1+
V3+
V1-
V2+
V2-
V3-
.32"
(8.1)
.59"
(15.0)
.63"
(16.0)
V+
V-
M4X8
SCREWS
(4X)
V ADJ
PIN
1
DC
OUTPUT
CONNECTOR
Figure 1. AC Input
1
2
3
~
N
6
1
10
5
Figure 2. Connector J1
Mates with
Molex 90142-0010 Housing
90119-2110 Pin
Figure 4. Connector J1
V1 +
V1 -
V2 -
V3 -
V3 +
V2 +
Mates with
Molex 09-91-0600 Housing
26-60-5060 Pin
Single 1500 Watt
V-
V+
59.3 ± 0.2
(2x) 15.0 ±0.8
(2x) 16.0 ±0.2
(2x) 16.0 ±0.2
(3x) 31.6 ±0.8
11.3 ±0.8
8.1 ±0.8
DC OUTPUT CONNECTOR
PIN 1
M4X8 SCREWS W/
CONICAL WASHER (6X)
For Factory-Use Only
VADJ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com