Electronic Components Datasheet Search
  English  ▼

X  

HMC486 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC486
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC486 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC486 Datasheet HTML 1Page - Hittite Microwave Corporation HMC486 Datasheet HTML 2Page - Hittite Microwave Corporation HMC486 Datasheet HTML 3Page - Hittite Microwave Corporation HMC486 Datasheet HTML 4Page - Hittite Microwave Corporation HMC486 Datasheet HTML 5Page - Hittite Microwave Corporation HMC486 Datasheet HTML 6Page - Hittite Microwave Corporation HMC486 Datasheet HTML 7Page - Hittite Microwave Corporation HMC486 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
3 - 43
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
Output P1dB vs. Temperature
Output Psat vs. Temperature
-15
-10
-5
0
5
10
15
20
25
30
4
5
678
9
10
11
S21
S11
S22
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-55C
FREQUENCY (GHz)
-15
-12
-9
-6
-3
0
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-55C
FREQUENCY (GHz)
26
28
30
32
34
36
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-55C
FREQUENCY (GHz)
26
28
30
32
34
36
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-55C
FREQUENCY (GHz)
10
14
18
22
26
30
34
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-55C
FREQUENCY (GHz)
HMC486
v03.0109
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 7 - 9 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com