Electronic Components Datasheet Search
  English  ▼

X  

HMC486LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC486LP5
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC486LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC486LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC486LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC486LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC486LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC486LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC486LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 258
Noise Figure vs. Temperature
Output IP3 vs. Temperature
Power Compression @ 8 GHz
Gain, Power & OIP3
vs. Supply Voltage @ 8 GHz
Reverse Isolation vs. Temperature
24
28
32
36
40
44
6
6.5
7
7.5
8
8.5
9
9.5
10
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
22
24
26
28
30
32
34
36
38
40
42
6.5
7
7.5
Gain
P1dB
Psat
IP3
Vdd Supply Voltage (Vdc)
20
22
24
26
28
30
32
34
36
38
40
42
700
800
900
1000
1100
1200
1300
Gain
P1dB
Psat
IP3
Idd Supply Current (mA)
0
2
4
6
8
10
12
14
6
6.5
7
7.5
8
8.5
9
9.5
10
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
6
6.5
7
7.5
8
8.5
9
9.5
10
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
6
12
18
24
30
36
-10
-6
-2
2
6
10
14
18
Pout
Gain
PAE
INPUT POWER (dBm)
Gain, Power & OIP3
vs. Supply Current @ 8 GHz
HMC486LP5 / 486LP5E
SURFACE MOUNT PHEMT 2 WATT POWER
AMPLIFIER, 7 - 9 GHz
v01.0705



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com