Electronic Components Datasheet Search
  English  ▼

X  

486LP5E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 486LP5E
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

486LP5E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  486LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 486LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 260
Pin Number
Function
Description
Interface Schematic
1-3, 5-8, 10-12, 14,
15, 17-20, 22-24,
26, 27, 29-31
N/C
No connection required. These pins may be connected to
RF/DC ground without affecting performance.
4RFIN
This pin is AC coupled
and matched to 50 Ohms.
9Vgg
Gate control for amplifier. Adjust to achieve Idd of 1300
mA. Please follow “MMIC Amplifier Biasing Procedure”
Application Note. External bypass capacitors of 100 pF
and 2.2
μF are required.
21
RFOUT
This pin is AC coupled
and matched to 50 Ohms.
32, 28, 25,
13, 16
Vdd1, Vdd2,
Vdd3, Vdd4,
Vdd5
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 2.2
μF are required.
Package Bottom
GND
Ground: Backside of package has exposed metal ground
slug that must be connected to ground through a short
path. Vias under the device are required
Pin Descriptions
Application Circuit
Component
Value
C1
100 pF
C2
2.2 μF
HMC486LP5 / 486LP5E
SURFACE MOUNT PHEMT 2 WATT POWER
AMPLIFIER, 7 - 9 GHz
v01.0705



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com