Electronic Components Datasheet Search
  English  ▼

X  

IDTCV152 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDTCV152
Description  PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCV152 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDTCV152 Datasheet HTML 7Page - Integrated Device Technology IDTCV152 Datasheet HTML 8Page - Integrated Device Technology IDTCV152 Datasheet HTML 9Page - Integrated Device Technology IDTCV152 Datasheet HTML 10Page - Integrated Device Technology IDTCV152 Datasheet HTML 11Page - Integrated Device Technology IDTCV152 Datasheet HTML 12Page - Integrated Device Technology IDTCV152 Datasheet HTML 13Page - Integrated Device Technology IDTCV152 Datasheet HTML 14Page - Integrated Device Technology IDTCV152 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV152
PROGRAMMABLEFLEXPCCLOCKFORP4PROCESSOR
13
PD ASSERTION
PD
CPU 133MHz
CPU# 133MHz
SRC 100MHz
SRC# 100MHz
USB 48MHz
PCI 33MHz
REF 14.31818
PCI STOP FUNCTIONALITY
If PCIF (2:0) and SRC clocks are set to be free-running through SMBus programming, they will ignore the PCI_STOP register bit.
PCI_STOP
CPU
CPU#
SRC
SRC#
PCIF/PCI
USB
DOT96
DOT96#
REF
(Byte 6 bit 3)
1
Normal
Normal
Normal
Normal
33MHz
48MHz
Normal
Normal
14.318MHz
0
Normal
Normal
IREF * 6 or float
Low
Low
48MHz
Normal
Normal
14.318MHz
PD, POWER DOWN
PD is an asynchronous active high input used to shut off all clocks cleanly prior to clock power. When PD is asserted high all clocks will be driven low before
turning off the VCO. In PD de-assertion all clocks will start without glitches.
PD
CPU
CPU#
SRC
SRC#
PCIF/PCI
USB
REF
0
Normal
Normal
Normal
Normal
33MHz
48MHz
14.318MHz
1IREF * 2 or float
Float
IREF * 2 or float
Float
Low
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com