Electronic Components Datasheet Search
  English  ▼

X  

HMC492LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC492LP3
Description  SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC492LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC492LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC492LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC492LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC492LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC492LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC492LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6
6 - 119
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
SSB Phase Noise Performance,
Pin= 0 dBm, T= 25 °C
Input Sensitivity Window, T= 25 °C
Input Sensitivity Window vs. Temperature
Output Power vs. Temperature
Reverse Leakage, Pin= 0 dBm, T= 25 °C
Output Harmonic Content,
Pin= 0 dBm, T= 25 °C
-30
-20
-10
0
10
20
0
2
4
6
8
10
12
14
16
18
20
INPUT FREQUENCY (GHz)
Recommended
Operating Window
-30
-20
-10
0
10
20
0
2
4
6
8
10
12
14
16
18
20
Min Pin +25C
Max Pin +25C
Min Pin +85C
Max Pin +85C
Min Pin -40C
Max Pin -40C
INPUT FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
04
8
12
16
20
+25C
+85C
-40C
INPUT FREQUENCY (GHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-50
-40
-30
-20
-10
0
0
2
4
6
8
10
12
14
16
18
20
Pfeedthru
3rd Harmonic
INPUT FREQUENCY (GHz)
-80
-60
-40
-20
0
04
8
12
16
20
Both Output Ports Terminated
One Output Port Terminated
INPUT FREQUENCY (GHz)
HMC492LP3 / 492LP3E
SMT GaAs HBT MMIC
DIVIDE-BY-2, DC - 18 GHz
v04.0507



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com