Electronic Components Datasheet Search
  English  ▼

X  

HMC497LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC497LP4
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC497LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC497LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 29
Absolute Maximum Ratings
Vcc1, Vcc2
0V to +6V
LO Input Power
+18 dBm
Baseband Input Voltage (AC + DC)
(Reference to GND)
0.0V to +2.8V
Channel Temperature
150 °C
Continuous Pdiss (T = 85°C)
(Derate 30 mW/°C above 85°C)
1.8 Watts
Thermal Resistance (R
th)
(junction to lead)
34 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC497LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H497
XXXX
HMC497LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H497
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
PCB LAND PATTERN.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC497LP4 / 497LP4E
v04.1108
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 100 - 4000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com