Electronic Components Datasheet Search
  English  ▼

X  

HMC500LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC500LP3
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC500LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC500LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC500LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC500LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC500LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC500LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC500LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC500LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC500LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 38
Pin Description
Pin Number
Function
Description
Interface Schematic
1, 4, 7, 8,
10 - 12, 14
N/C
No connection. These pins may be connected to
RF/DC ground. Performance will not be affected
2, 3
IN, IN
Differential RF inputs, 50 Ohms. Must be DC blocked.
5, 15
I
In-phase control input. Pins 5 and 15 are redundant.
Either input can be used.
6, 16
Q
Quadrature control input. Pins 6 and 16 are redundant.
Either input can be used.
9
RFOUT
RF Output: Must be DC blocked.
13
Vcc
Supply Voltage
GND
Ground: Backside of package has exposed metal ground slug
which must be connected to RF/DC ground.
HMC500LP3 / 500LP3E
v02.1109
GaAs HBT VECTOR
MODULATOR 1.8 - 2.2 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com