Electronic Components Datasheet Search
  English  ▼

X  

HMC532LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC532LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC532LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC532LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC532LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC532LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC532LP4 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 146
General Description
Features
Functional Diagram
The HMC532LP4 & HMC532LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices,
varactor
diodes,
and
buffer
amplifiers.
Covering 7.1 to 7.9 GHz, the VCO’s phase noise
performance is excellent over temperature, shock
and vibration due to the oscillator’s monolithic struc-
ture. Power output is +14 dBm typical from a single
supply of +3V @ 85 mA. The voltage controlled
oscillator is packaged in a leadless QFN 4 x 4 mm
surface mount package.
Pout: +14 dBm
Phase Noise: -103 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: +3V @ 85 mA
24 Lead 4x4mm QFN Package: 9 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• VSAT Radio
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
7.1 - 7.9
GHz
Power Output
12
14
17
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-101
dBc/Hz
Tune Voltage (Vtune)
1
13
V
Supply Current (Icc) (Vcc = +3V)
60
85
100
mA
Tune Port Leakage Current
10
μA
Output Return Loss
15
dB
Harmonics
2nd
3rd
-14
-25
dBc
dBc
Pulling (into a 2.0:1 VSWR)
28
MHz pp
Pushing @ Vtune= +5V
78
MHz/V
Frequency Drift Rate
0.85
MHz/°C
MMIC VCO w/ BUFFER
AMPLIFIER, 7.1 - 7.9 GHz
v01.0508
HMC532LP4 / 532LP4E


Similar Part No. - HMC532LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4 Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
logo
Analog Devices
HMC532LP4 AD-HMC532LP4 Datasheet
280Kb / 4P
Military End-Use
logo
Hittite Microwave Corpo...
HMC532LP4E HITTITE-HMC532LP4E Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
logo
Analog Devices
HMC532LP4E AD-HMC532LP4E Datasheet
280Kb / 4P
Military End-Use
More results

Similar Description - HMC532LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G Datasheet
185Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC388LP4 HITTITE-HMC388LP4 Datasheet
273Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.15 - 3.4 GHz
HMC416LP4 HITTITE-HMC416LP4 Datasheet
237Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.75 - 3.0 GHz
HMC532LP4 HITTITE-HMC532LP4 Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com