Electronic Components Datasheet Search
  English  ▼

X  

538LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 538LP4E
Description  600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

538LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  538LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 2
HMC538LP4 / 538LP4E
600° ANALOG PHASE SHIFTER,
6 - 15 GHz
v02.0209
General Description
Features
Functional Diagram
The
HMC538LP4(E)
are
Analog
Phase
Shift-
ers which are controlled via an analog control
voltage from 0 to +5V. The HMC538LP4(E)pro-
vides a continuously variable phase shift of 0 to
800 degrees at 6 GHz, and 0 to 450 degrees at
16 GHz, with consistent insertion loss versus phase
shift. The phase shift is monotonic with respect to
control voltage. The control port has a modulation
bandwidth of 50 MHz. The low insertion loss and
compact size enable this part to be used in a wide
range of applications, including the phase adjustment
of clocks in fiber optic systems and test equipment.
THe HMC538LP4(E) is housed in leadless QFN sur-
face mount packages and are available in both stan-
dard and RoHS compliant versions.
Available as Lead Free
Wide Bandwidth: 6 - 15 GHz
>600° Phase Shift
Single Positive Voltage Control
QFN Leadless SMT Package, 16 mm2
Electrical Specifications, T
A = +25° C, 50 Ohm System
Typical Applications
The HMC538LP4 / HMC538LP4E is ideal for:
• Fiber Optics
• Military
• Test Equipment
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Phase Shift Range
6 - 10 GHz
10 - 15 GHz
600
360
800
600
degrees
degrees
Insertion Loss
6 - 15 GHz
8
11
dB
Return Loss (Input and Output)
6 - 15 GHz
7
dB
Control Voltage Range
6 - 15 GHz
0 - 5
Volt
Modulation Bandwidth
6 - 15 GHz
50
MHz
Phase Voltage Sensitivity
6 - 15 GHz
120
deg /Volt
Insertion Phase Temperature Sensitivity
6 - 15 GHz
0.5
deg /°C


Similar Part No. - 538LP4E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
538 MARL-538 Datasheet
395Kb / 5P
횠12.7mm mounting Product will operate over a wide input voltage range
logo
Walther-Werke
538 WALTHER-538 Datasheet
437Kb / 4P
Channel installation sockets IP 44
538 WALTHER-538 Datasheet
958Kb / 2P
Sockets IP 44
logo
Legrand North America, ...
538 23 LEGRAND-538 23 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
538 23 + 538 89 LEGRAND-538 23 + 538 89 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
More results

Similar Description - 538LP4E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
6 - 18 GHz Phase Shifter
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC538LP4 HITTITE-HMC538LP4 Datasheet
377Kb / 6P
600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
HMC-C010 HITTITE-HMC-C010 Datasheet
581Kb / 6P
600째 ANALOG PHASE SHIFTER MODULE, 6 - 15 GHz
logo
TriQuint Semiconductor
TGP2615 TRIQUINT-TGP2615_15 Datasheet
382Kb / 9P
15- to 19-GHz 6-Bit Digital Phase Shifter
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
6 - 18 GHz Phase Shifter
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
15-19 GHz 6-Bit Digital Phase Shifter
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
5-18 GHz Analog Phase Shifter
August 23, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com