Electronic Components Datasheet Search
  English  ▼

X  

HMC543 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC543
Description  22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC543 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC543 Datasheet HTML 1Page - Hittite Microwave Corporation HMC543 Datasheet HTML 2Page - Hittite Microwave Corporation HMC543 Datasheet HTML 3Page - Hittite Microwave Corporation HMC543 Datasheet HTML 4Page - Hittite Microwave Corporation HMC543 Datasheet HTML 5Page - Hittite Microwave Corporation HMC543 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
3 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
22.5° MMIC 4-BIT DIGITAL
PHASE SHIFTER, 8 - 12 GHz
v02.0209
HMC543
Relative Phase Shift,
RMS, Average, Max, All States
Input IP3, All States
Input IP2, All States
Input P1dB, All States
RMS Phase Error vs. Temperature
Maximum Insertion Loss vs. Temperature
-10
-5
0
5
10
15
20
8
9
10
11
12
RMS
AVERAGE
MAX
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
8
9
10
11
12
+25 deg C
+85 deg C
-40 deg C
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
8
9
10
11
12
+25C
+85C
-40C
FREQUENCY (GHz)
25
30
35
40
45
50
55
8
9
10
11
12
FREQUENCY (GHz)
20
22
24
26
28
30
8
9
10
11
12
FREQUENCY (GHz)
50
60
70
80
90
100
8
9
10
11
12
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com