Electronic Components Datasheet Search
  English  ▼

X  

540LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 540LP3E
Description  1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

540LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  540LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
5 - 171
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Return Loss RF1, RF2
(Only Major States are Shown)
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
Bit Error vs. Frequency
(Only Major States are Shown)
Relative Phase vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
-3
-2.5
-2
-1.5
-1
-0.5
0
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-1
-0.5
0
0.5
1
1.5
2
0
4
8
12
16
ATTENUATION STATE (dB)
5 GHz
5.5 GHz
1 GHz
100 MHz
4 GHz
-20
-16
-12
-8
-4
0
012345
6
FREQUENCY (GHz)
-1
-0.5
0
0.5
1
1.5
01234
56
FREQUENCY (GHz)
8 dB
15 dB
1-4 dB
-40
-30
-20
-10
0
10
20
30
40
012345
6
FREQUENCY (GHz)
15 dB
8 dB
1-4 dB
-40
-30
-20
-10
0
012345
6
FREQUENCY (GHz)
1 dB 2 dB
4 dB
I.L.dB
8 dB 15 dB
HMC540LP3 / 540LP3E
1 dB LSB GaAs MMIC 4-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
v00.0605



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com