Electronic Components Datasheet Search
  English  ▼

X  

HMC545 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC545
Description  GaAs MMIC SPDT SWITCH, DC - 3 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC545 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC545 Datasheet HTML 1Page - Hittite Microwave Corporation HMC545 Datasheet HTML 2Page - Hittite Microwave Corporation HMC545 Datasheet HTML 3Page - Hittite Microwave Corporation HMC545 Datasheet HTML 4Page - Hittite Microwave Corporation HMC545 Datasheet HTML 5Page - Hittite Microwave Corporation HMC545 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10
10 - 307
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Return Loss
Insertion Loss
Isolation Between
Ports RFC and RF1/RF2
GaAs MMIC SPDT
SWITCH, DC - 3 GHz
Input P0.1dB vs. Vctl
v00.0905
HMC545 / 545E
Isolation Between Ports RF1 and RF2
-2
-1.5
-1
-0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RF1 ON
RF2 ON
FREQUENCY (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RF1
RF2
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RFC
RF1, RF2 ON
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
+3V
+5V
+8V
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
+3V
+5V
+8V
FREQUENCY (GHz)
Input P1dB vs. Vctl



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com