Electronic Components Datasheet Search
  English  ▼

X  

HMC552LP4E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC552LP4E
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC552LP4E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC552LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 4
Harmonics of LO
MxN Spurious @ IF Port
nLO
mrF
0
1
2
3
4
0
xx
-3
16
16
25
1
7
0
23
44
53
2
79
66
61
61
98
3
102
105
93
94
84
4
103
107
107
102
103
rF Freq. = 1.9 GHz @ -10 dBm
LO Freq. = 1.8 GHz @ 0 dBm
All values in dBc relative to the iF power level.
nLO spur @ rF Port
LO Freq. (GHz)
1
2
3
4
1.5
27
17
31
32
1.8
28
16
40
44
2.1
28
18
31
47
2.4
34
21
33
41
2.7
36
28
42
46
3.0
41
27
48
54
LO = 0 dBm
All values in dBc below input LO level measured at rF port.
Typical Supply Current
Vcc
icc (mA)
+5.0
62 mA
HMC552LP4 / 552LP4E
v03.1210
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.6 - 3.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com