Electronic Components Datasheet Search
  English  ▼

X  

552LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 552LP4E
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

552LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  552LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 552LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC552LP4 / 552LP4E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.6 - 3.0 GHz
v03.1210
General Description
Features
Functional Diagram
The HMC552LP4 & HMC552LP4e are high linearity,
double-balanced converter iCs that operate from
1.6 to 3.0 GHz and deliver a +25 dBm input third
order intercept point. The LO amplifier output and
high dynamic range mixer input are positioned so
that an external LO filter can be placed in series
be-tween them. The converter provides 30 dB of
LO to rF isolation and is ideal for upconverter and
down-converter applications. The iC operates from
a single +5V supply consuming 62 mA of current
and accepts a LO drive level of -4 to +4 dBm. The
design requires no external baluns and supports
iF frequencies between DC and 1 GHz. The
HMC552LP4 & HMC552LP4e are pin for pin com-
patible with the HMC551LP4 & HMC551LP4e, which
operate from 0.8 to 1.2 GHz.
input iP3: +25 dBm
Low input LO Drive: -4 to +4 dBm
LO to rF isolation: 30 dB
Low Conversion Loss: 8 dB
single Positive supply: +5V @ 62 mA
robust 1,000V esD, Class 1C
24 Lead 4x4mm sMT Package: 16mm2
Electrical Specifications, T
A = +25° C, LO = 0 dBm, Vcc = +5V, R1 = 18 Ohms, IF = 100 MHz*
Typical Applications
The HMC552LP4 / HMC552LP4e is ideal for
Wireless infrastructure Applications:
• PCS / 3G Infrastructure
• Base Stations & Repeaters
• WiMAX & WiBro
• ISM & Fixed Wireless
Parameter
Min.
Typ.
Max.
Units
Frequency range, rF, LO
1.6 - 3.0
GHz
Frequency range, iF
DC - 1.0
GHz
Conversion Loss
8
10
dB
Noise Figure (ssB)
8
dB
LO to rF isolation
25
30
dB
LO to iF isolation
10
20
dB
iP3 (input)
25
dBm
1 dB Compression (input)
16
dBm
LO Drive input Level (Typical)
-4 to +4
dBm
supply Current (icc)
62
mA
*Unless otherwise noted, all measurements performed as a downconverter configured as shown in application circuit.


Similar Part No. - 552LP4E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
552 OSCILENT-552 Datasheet
133Kb / 2P
PECL Output
logo
Vishay Siliconix
552 VISHAY-552 Datasheet
309Kb / 4P
(22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
logo
Renesas Technology Corp
552-02 RENESAS-552-02 Datasheet
530Kb / 10P
Low Skew 2-Input MUX and 1 to 8 Clock Buffer
Rev.1.09 Jul 15, 2025
logo
Dialight Corporation
552-0211 DIALIGHT-552-0211 Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
552-0222 DIALIGHT-552-0222 Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 552LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC333 HITTITE-HMC333 Datasheet
249Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC552LP4 HITTITE-HMC552LP4 Datasheet
300Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC333 HITTITE-HMC333_06 Datasheet
337Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC333 HITTITE-HMC333_08 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com