Electronic Components Datasheet Search
  English  ▼

X  

HMC552LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC552LP4E
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC552LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC552LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC552LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 3
Input IP3 vs. Temperature @ LO = 0 dBm
Input IP3 vs. LO Drive
Input IP2 vs. LO Drive
Input P1dB vs. Temperature @ LO = 0 dBm
Input IP2 vs. Temperature @ LO = 0 dBm
HMC552LP4 / 552LP4E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 1.6 - 3.0 GHz
v03.1210
20
30
40
50
60
70
80
1.5
2
2.5
3
3.5
+25C
+85C
-40C
FREQUENCY (GHz)
20
30
40
50
60
70
80
1.5
2
2.5
3
3.5
LO= -4 dBm
LO= -2 dBm
LO= 0 dBm
LO= 2 dBm
LO= 4 dBm
FREQUENCY (GHz)
10
12
14
16
18
20
1.5
1.8
2
2.2
2.5
2.7
3
+25C
+85C
-40C
FREQUENCY (GHz)
5
10
15
20
25
30
35
1.5
2
2.5
3
3.5
LO= -4 dBm
LO= -2 dBm
LO= 0 dBm
LO= 2 dBm
LO= 4 dBm
FREQUENCY (GHz)
5
10
15
20
25
30
35
1.5
2
2.5
3
3.5
+25C
+85C
-40C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com