Electronic Components Datasheet Search
  English  ▼

X  

561LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 561LP3E
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

561LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  561LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
7 - 83
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC561LP3 / 561LP3E
Output Power vs.
Temperature @ 5 dBm Drive Level
Output Power vs.
Supply Voltage @ 5 dBm Drive Level
Output Power vs. Drive Level
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
Output Power vs. Input Power
Isolation @ 5 dBm Drive Level
0
4
8
12
16
20
7
9
11
13
15
17
19
21
23
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
7
9
11
13
15
17
19
21
23
Fo
2 Fo
3 Fo
4 Fo
FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
15
20
-5
-2
1
4
7
10
8 GHz
14 GHz
20 GHz
INPUT POWER (dBm)
0
4
8
12
16
20
7
9
11
13
15
17
19
21
23
4.5 V
5.0 V
5.5 V
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
7
9
11
13
15
17
19
21
23
-2 dBm
0 dBm
2 dBm
4 dBm
6 dBm
FREQUENCY (GHz)
SSB Phase Noise Performance,
Fout= 16 GHz, Input Power = +3 dBm
-180
-150
-120
-90
-60
-30
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
v01.0407



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com