Electronic Components Datasheet Search
  English  ▼

X  

HMC575LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC575LP4
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC575LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC575LP4_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC575LP4_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC575LP4_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC575LP4_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC575LP4_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC575LP4_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
7 - 95
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC575LP4 / 575LP4E
Output Power vs.
Temperature @ 3 dBm Drive Level
Output Power vs.
Supply Voltage @ 3 dBm Drive Level
Output Power vs. Drive Level
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 6 - 9 GHz OUTPUT
Output Power vs. Input Power
Isolation @ 3 dBm Drive Level
0
5
10
15
20
25
5.5
6
6.5
7
7.5
8
8.5
9
9.5
+25C
+85C
-40C
OUTPUT FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
20
25
-10
-8
-6
-4
-2
0246
8
10
6 GHz
7.5GHz
9 GHz
INPUT POWER (dBm)
-15
-10
-5
0
5
10
15
20
25
6
6.5
7
7.5
8
8.5
9
Fo
2Fo
3Fo
OUTPUT FREQUENCY (GHz)
0
5
10
15
20
25
6
6.5
7
7.5
8
8.5
9
Vdd=4.5V
Vdd=5.0V
Vdd=5.5V
OUTPUT FREQUENCY (GHz)
-10
-5
0
5
10
15
20
25
6
6.5
7
7.5
8
8.5
9
-2dBm
0dBm
2dBm
4dBm
6dBm
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com