Electronic Components Datasheet Search
  English  ▼

X  

582LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 582LP5E
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

582LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  582LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 582LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 582LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 582LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 582LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 582LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC582LP5 / 582LP5E
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 11.1 - 12.4 GHz
v03.0811
General Description
Features
Functional Diagram
The HMC582LP5 & HMC582LP5E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs.
The HMC582LP5 & HMC582LP5E integrate resona-
tors, negative resistance devices, varactor diodes
and feature half frequency and divide-by-4 outputs.
The VCO’s phase noise performance is excellent over
temperature, shock, and process due to the oscillator’s
monolithic structure. Power output is +9 dBm typical
from a +5V supply voltage. The prescaler and RF/2
functions can be disabled to conserve current if not
required. The voltage controlled oscillator is packaged
in a leadless QFN 5x5 mm surface mount package,
and requires no external matching components.
Triple Output: Fo = 11.1 - 12.4 GHz
Fo/2 = 5.55 - 6.2 GHz
Fo/4 = 2.78 - 3.1 GHz
Pout: +9 dBm
Phase Noise: -110 dBc/Hz @100 kHz Typ.
No External Resonator Needed
32 Lead 5x5mm SMT Package: 25mm²
Typical Applications
Low noise MMIC VCO w/Half Frequency, Divide-by-4
Outputs for:
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• SATCOM
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc (Dig), Vcc (Amp), Vcc (RF) = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
11.1 - 12.4
5.55 - 6.2
GHz
GHz
Power Output
RFOUT
RFOUT/2
RFOUT/4
+5
+8
-9
+12
+14
-3
dBm
dBm
dBm
SSB Phase Noise @ 100 kHz Offset,
Vtune= +5V @ RFOUT
-110
dBc/Hz
Tune Voltage
Vtune
2
12
V
Supply Current
Icc(Dig) + Icc(Amp) + Icc(RF)
290
350
390
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
2
dB
Harmonics/Subharmonics
1/2
2nd
3rd
32
25
30
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
5
MHz pp
Pushing @ Vtune= 5V
30
MHz/V
Frequency Drift Rate
1.2
MHz/°C


Similar Part No. - 582LP5E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
582 OSCILENT-582 Datasheet
141Kb / 2P
Clipped Sine Wave
582-19.6608M-215A-NC OSCILENT-582-19.6608M-215A-NC Datasheet
141Kb / 2P
Clipped Sine Wave
582-19.6608M-215A-VC OSCILENT-582-19.6608M-215A-VC Datasheet
141Kb / 2P
Clipped Sine Wave
582-19.6608M-215D-NC OSCILENT-582-19.6608M-215D-NC Datasheet
141Kb / 2P
Clipped Sine Wave
582-19.6608M-215D-VC OSCILENT-582-19.6608M-215D-VC Datasheet
141Kb / 2P
Clipped Sine Wave
More results

Similar Description - 582LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC529LP5 HITTITE-HMC529LP5 Datasheet
370Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC582LP5 HITTITE-HMC582LP5 Datasheet
322Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC632LP5 HITTITE-HMC632LP5 Datasheet
393Kb / 9P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com