Electronic Components Datasheet Search
  English  ▼

X  

BCP120T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP120T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP120T Datasheet(HTML) 3 Page - BeRex Corporation

  BCP120T Datasheet HTML 1Page - BeRex Corporation BCP120T Datasheet HTML 2Page - BeRex Corporation BCP120T Datasheet HTML 3Page - BeRex Corporation BCP120T Datasheet HTML 4Page - BeRex Corporation BCP120T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2011
Specifications are subject to change without notice. ©BeRex 2011
Rev. 1.2
BCP120T
PIN_POUT/Gain, PAE (12 GHz)
Frequency = 12GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 12GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
PIN_POUT/Gain, PAE (18 GHz)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com