Electronic Components Datasheet Search
  English  ▼

X  

BD09B Datasheet(PDF) 2 Page - BeRex Corporation

Part # BD09B
Description  Dedicated Band 2-Way SMT Power Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD09B Datasheet(HTML) 2 Page - BeRex Corporation

  BD09B Datasheet HTML 1Page - BeRex Corporation BD09B Datasheet HTML 2Page - BeRex Corporation BD09B Datasheet HTML 3Page - BeRex Corporation BD09B Datasheet HTML 4Page - BeRex Corporation BD09B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
BD09B
700~1000MHz Cellular & GSM900
Dedicated Band 2-Way SMT Power Divider
Typical Test Data
With Back Side Ground Soldering
Parameters
Unit
Cellular & GSM900
Frequency Range
MHz
700
750
800
850
900
950
1000
Insertion Loss
dB
0.48
0.50
0.49
0.52
0.54
0.59
0.65
Isolation
dB
16.7
20.6
25.4
27.0
22.9
19.5
17.1
IRL(S11)
dB
-19.5
-21.8
-23.8
-24.2
-22.0
-19.2
-16.8
ORL(S22,S33)
dB
-21.9
-25.4
-28.1
-26.2
-22.8
-20.0
-17.9
Phase Diff.
deg
0.1
0.2
0.2
0.2
0.3
0.4
0.4
Amplitude Balance
dB
0.00
0.00
0.01
0.01
0.02
0.01
0.01
Without Back Side Ground Soldering
Parameters
Unit
Cellular & GSM900
Frequency Range
MHz
700
750
800
850
900
950
1000
Insertion Loss
dB
0.46
0.49
0.48
0.49
0.52
0.58
0.64
Isolation
dB
16.4
20.2
25.1
28.3
23.9
20.1
17.5
IRL(S11)
dB
-19.6
-21.8
-23.8
-23.5
-21.2
-18.5
-16.1
ORL(S22,S33)
dB
-21.8
-25.3
-28.3
-26.5
-22.9
-20.1
-17.9
Phase Diff.
deg
0.4
0.5
0.6
0.5
0.7
0.6
0.6
Amplitude Balance
dB
0.01
0.02
0.02
0.02
0.02
0.03
0.03
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com