Electronic Components Datasheet Search
  English  ▼

X  

602LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 602LP4E
Description  70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

602LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  602LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 602LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 602LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 602LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 602LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 602LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 602LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 602LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 20
LOGOUT Voltage & Error
vs. Input Power, Fin = 2200 MHz
Unless otherwise noted: Vcc1, Vcc2, Vcc3 = +5V, TA = +25C
LOGOUT Voltage & Error
vs. Input Power, Fin = 3600 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 5800 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 8000 MHz
LOGOUT vs. Frequency Over Input Power
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
0
0.6
1.2
1.8
2.4
-10
-5
0
5
10
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
LOGOUT Voltage & Error
vs. Input Power, Fin = 7000 MHz
0.2
0.8
1.4
2
2.6
-6
-3
0
3
6
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
0
0.6
1.2
1.8
2.4
012
34
5
6
78
FREQUENCY (GHz)
0dBm
-10dBm
-20dBm
-30dBm
-40dBm
-50dBm
10dBm
-60dBm
-70dBm
HMC602LP4 / 602LP4E
v03.0209
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com