Electronic Components Datasheet Search
  English  ▼

X  

2SD1790 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SD1790
Description  Darlington Transistor(짹 4A NPN)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SD1790 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SD1790 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SD1790 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SD1790 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SD1790 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SD1790 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SD1790 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SD1790 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SD1790 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Unit : mm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Case : ITO-220
Darlington Transistor
± 4A NPN
2SD1790
(TP4L6Z)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼+150
℃
Junction Temperature
Tj
+150
℃
Collector to Base Voltage
VCBO
60
±10
V
Collector to Emitter Voltage
V
CEO
60
±10
V
Emitter to Base Voltage
V
EBO
7
V
Collector Current DC
I
C
±4
A
Collector Current Peak
I
CP
±6
A
Base Current DC
I
B
0.3
A
Base Current Peak
IBP
0.5
A
Total Transistor Dissipation
P
T
Tc = 25℃
25
W
Dielectric Strength
Vdis
Terminals to case AC 1 minute
2
kV
Mounting Torque
TOR
(Recommended torque : 0.3N・m)
0.5
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector Cutoff Current
I
CBO
V
CB = 40V
Max 0.1
mA
I
CEO
V
CE = 40V
Max 0.1
Emitter Cutoff Current
I
EBO
V
EB = 7V
Max 5
mA
DC Current Gain
hFE
V
CE = 3V, IC = 1A
Min 1,500
Max 30,000
Collector to Emitter Saturation Voltage
V
CE(sat)
I
C = 1A
Max 1.5
V
Base to Emitter Saturation Voltage
V
BE (sat)
I
B = 2mA
Max 2.0
V
Thermal Resistance
θjc
Junction to case
Max 5.0
℃/W
Transition Frequency
f
T
V
CE = 10V, I C = 0.4A
TYP 20
MHz
Turn on Time
ton
Max 2
I
C = 1A
Storage Time
ts
I
B1 = IB2 = 2mA
Max 12
μs
R
L = 25Ω
Fall Time
tf
V
BB2 = 4V
Max 5


Similar Part No. - 2SD1790

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1790 ISC-2SD1790 Datasheet
273Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD1790

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Shindengen Electric Mfg...
2SB1282 SHINDENGEN-2SB1282 Datasheet
430Kb / 9P
Darlington Transistor(짹 4A PNP)
2SD1788 SHINDENGEN-2SD1788 Datasheet
505Kb / 9P
Darlington Transistor(짹 4A NPN)
2SD1789 SHINDENGEN-2SD1789 Datasheet
463Kb / 8P
Darlington Transistor(짹 4A NPN)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com