Electronic Components Datasheet Search
  English  ▼

X  

HMC604LP3 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC604LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC604LP3 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC604LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC604LP3 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 10
item
Description
J1 - J2
pCB mount smA rf Connector
J3 - J6
DC pin
C1, C2
100 pf Capacitor, 0402 pkg.
C3
10 Kpf Capacitor, 0402 pkg.
U1
HmC604lp3 / HmC604lp3e Amplifier
pCB [2]
117158 evaluation Board
[1] reference this number when ordering complete evaluation pCB
[2] Circuit Board material: rogers 4350
Evaluation PCB
The circuit board used in the application should use
rf circuit design techniques. signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 117160 [1]
HMC604LP3 / 604LP3E
v00.0308
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com