Electronic Components Datasheet Search
  English  ▼

X  

BIF5 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BIF5
Description  5-800 MHz Internally Matched IF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF5 Datasheet(HTML) 5 Page - BeRex Corporation

  BIF5 Datasheet HTML 1Page - BeRex Corporation BIF5 Datasheet HTML 2Page - BeRex Corporation BIF5 Datasheet HTML 3Page - BeRex Corporation BIF5 Datasheet HTML 4Page - BeRex Corporation BIF5 Datasheet HTML 5Page - BeRex Corporation BIF5 Datasheet HTML 6Page - BeRex Corporation BIF5 Datasheet HTML 7Page - BeRex Corporation BIF5 Datasheet HTML 8Page - BeRex Corporation BIF5 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Typical Performance (Vd = 4V, Ic = 63mA, T = 25°C)
5-800 MHz Internally Matched IF Amplifier
BIF5
Freq
MHz
70
140
250
500
800
S21
dB
17.4
17.3
17.2
17.2
16.9
S11
dB
-16
-18.6
-19.5
-18.9
-20.1
S22
dB
-13.8
-13.1
-13.5
-13.5
-10.3
P1
dBm
17
17.5
17.7
17.5
17.2
OIP3
dBm
35.5
35.5
35
33
32
NF
dB
4.0
4.1
4.2
4.3
4.3
Typical Performance (Vd = 3.5V, Ic = 41mA, T = 25°C)
Freq
MHz
70
140
250
500
800
S21
dB
17.1
17.0
16.9
16.8
16.5
S11
dB
-17.9
-21.2
-22.6
-21.7
-23.1
S22
dB
-13.1
-12.3
-12.6
-12.6
-9.8
P1
dBm
13.7
14.6
14.6
14.5
14.2
OIP3
dBm
29
29
29
27.5
27.5
NF
dB
4.0
4.1
4.2
4.3
4.3
Rev. C
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com