Electronic Components Datasheet Search
  English  ▼

X  

615LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 615LP4E
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

615LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  615LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 615LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 615LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 615LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 615LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 615LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC615LP4 / 615LP4E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 2.3 - 4.0 GHz
v02.1210
General Description
Features
Functional Diagram
The HMC615LP4(e) are high linearity, GaAs FeT
converter iCs that operate from 2.3 to 4.0 GHz and
deliver a +35 dBm input third order intercept point.
The LO amplifier output and high dynamic range
mixer input are positioned so that an external LO
filter can be placed in series between them. The iC
operates from a single +5V supply consuming 65
mA of current and accepts a LO drive level of -2 to
+6 dBm. The design requires no external baluns and
supports iF frequencies between DC and 1 GHz.
The HMC615LP4(e) is pin for pin compatible with the
HMC551LP4(e), HMC552LP4(e) and HMC215LP4(e),
which operate from 0.8 to 4.0 GHz. For availability
on Non-roHs HMC615LP4 products please contact
Hittite Microwave sales directly.
High input iP3: +35 dBm
Low input LO Drive: -2 to +6 dBm
Low Conversion Loss: 10 dB
single Positive supply: +5V @ 65 mA
24 Lead 4x4mm QFN Package: 9 mm²
Electrical Specifications, T
A = +25° C, LO = 4 dBm, Vcc = +5V, R1 = 18 Ohms, IF = 200 MHz*
Typical Applications
The HMC615LP4e is ideal for:
• PCS / 3G Infrastructure
• Base Stations & Repeaters
• WiMAX & WiBro
• ISM & Fixed Wireless
Parameter
Min.
Typ.
Max.
Units
Frequency range, rF, LO
2.3 - 4.0
GHz
Frequency range, iF
DC - 1.0
GHz
Conversion Loss *
10
13
dB
Noise Figure (ssB)
10
dB
LO to rF isolation
5
15
dB
LO to iF isolation *
1
10
dB
iP3 (input)
35
dBm
1 dB Compression (input)
21
dBm
LO Drive input Level (Typical)
-2 to +6
dBm
supply Current (icc)
65
75
mA
*Unless otherwise noted, all measurements performed as a downconverter configured as shown in application circuit.


Similar Part No. - 615LP4E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
615 ETC2-615 Datasheet
177Kb / 1P
BRACKET
logo
3M Electronics
615 3M-615 Datasheet
77Kb / 3P
Fire Barrier Duct Wrap 615
Sep-2014
logo
NYLENE
615 NYLENE-615 Datasheet
448Kb / 1P
Injection Molding
logo
Adafruit Industries
615 ADAFRUIT-615 Datasheet
131Kb / 2P
Needle set - 3/9 sizes - 20 needles
7/24/2015
logo
NOSHOK, INC.
615 NOSHOK-615 Datasheet
433Kb / 2P
High Accuracy Heavy-Duty
More results

Similar Description - 615LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC488MS8G HITTITE-HMC488MS8G Datasheet
199Kb / 6P
GaAs MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 4.0 - 7.0 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC333 HITTITE-HMC333_06 Datasheet
337Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC422MS8 HITTITE-HMC422MS8_10 Datasheet
187Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.2 - 2.6 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com