Electronic Components Datasheet Search
  English  ▼

X  

617LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 617LP3E
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 0.55 - 1.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

617LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  617LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 617LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 617LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 617LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 617LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 617LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 617LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 617LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
Input Return Loss vs. Temperature [1]
Output Return Loss vs. Temperature [1]
Broadband Gain & Return Loss [1] [2]
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
S21
S22
S11
-30
-25
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
HMC617LP3 / 617LP3E
v02.0610
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 0.55 - 1.2 GHz
[1] Vdd = 5V, rbias = 3.92K [2] Vdd = 3V, rbias = 3.92K
Gain vs. Temperature [2]
10
12
14
16
18
20
22
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
- 40C
FREQUENCY (GHz)
Gain vs. Temperature [1]
10
12
14
16
18
20
22
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
- 40C
FREQUENCY (GHz)
Reverse Isolation vs. Temperature [1]
-30
-25
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com