Electronic Components Datasheet Search
  English  ▼

X  

HMC618LP3E Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC618LP3E
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC618LP3E Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC618LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 10Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 11Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 12Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 13Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 13
Application Circuit, 1200 to 1700 MHz Tune
HMC618LP3 / 618LP3E
v08.1210
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 1.2 - 2.2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com