Electronic Components Datasheet Search
  English  ▼

X  

BL011 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BL011
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL011 Datasheet(HTML) 4 Page - BeRex Corporation

  BL011 Datasheet HTML 1Page - BeRex Corporation BL011 Datasheet HTML 2Page - BeRex Corporation BL011 Datasheet HTML 3Page - BeRex Corporation BL011 Datasheet HTML 4Page - BeRex Corporation BL011 Datasheet HTML 5Page - BeRex Corporation BL011 Datasheet HTML 6Page - BeRex Corporation BL011 Datasheet HTML 7Page - BeRex Corporation BL011 Datasheet HTML 8Page - BeRex Corporation BL011 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
5-4000 MHz Wideband Low Noise Amplifier
BL011
Vd = 4.2V, Id = 53.0mA, Ta = 25°C
Vd = 4.0V, Id = 46.0mA, Ta = 25°C
Freq
MHz
900
1900
2140
2450
S21
dB
21.6
17.0
16.6
15.4
S11
dB
- 16.8
- 24.9
- 21.1
- 19.5
S22
dB
- 15.9
- 19.4
- 27.7
- 21.0
P1
dBm
18.9
19.0
19.2
18.5
OIP3
dBm
31.5
33.5
35.0
34.0
NF
dB
0.91
1.13
1.17
1.30
Freq
MHz
900
1900
2140
2450
S21
dB
21.5
17.0
16.5
15.3
S11
dB
- 15.9
- 24.9
- 20.4
- 19.4
S22
dB
- 15.8
- 20.5
- 27.6
- 22.8
P1
dBm
18.3
18.6
18.7
18.0
OIP3
dBm
30.5
33.0
34.0
33.0
NF
dB
0.91
1.13
1.17
1.30
Freq
MHz
900
1900
2140
2450
S21
dB
21.0
16.7
16.1
15.0
S11
dB
- 13.1
- 23.6
- 18.5
- 19.3
S22
dB
- 14.2
- 21.9
- 22.5
- 27.7
P1
dBm
16.1
17.2
17.4
16.6
OIP3
dBm
26.0
29.5
30.5
30.0
NF
dB
0.91
1.13
1.17
1.30
Vd = 3.5V, Id = 34.0mA, Ta = 25°C
Rev. C
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com