Electronic Components Datasheet Search
  English  ▼

X  

BL051 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BL051
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL051 Datasheet(HTML) 1 Page - BeRex Corporation

  BL051 Datasheet HTML 1Page - BeRex Corporation BL051 Datasheet HTML 2Page - BeRex Corporation BL051 Datasheet HTML 3Page - BeRex Corporation BL051 Datasheet HTML 4Page - BeRex Corporation BL051 Datasheet HTML 5Page - BeRex Corporation BL051 Datasheet HTML 6Page - BeRex Corporation BL051 Datasheet HTML 7Page - BeRex Corporation BL051 Datasheet HTML 8Page - BeRex Corporation BL051 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
5-4000 MHz Wideband Low Noise Amplifier
BL051
NF = 0.7 dB @ 900MHz at RF connectors of Demo board
Gain = 19.0 dB @ 900 MHz
OIP3 = 36.0 dBm @ 1900MHz, 2450MHz
Output P1 dB = 21.0 dBm @ 900MHz, 22.0 dBm @2450MHz
5V/48mA, MTTF > 100 Years, MSL 1, Class 1A
Lead-free/RoHS-compliant SOT-89 SMT package
BeRex’s BL051 is a high performance LNA
based on GaAs material with E-pHEMT proc-
ess, packaged in a RoHS-compliant with SOT-
89 surface mount package. It is designed for
use where low noise and high linearity are
required and features low noise and high
OIP3 with low current at wideband frequency.
It requires a few external matching compo-
nents. All devices are 100% RF/DC tested and
classified as HBM ESDS Class 1A.
Product Description
Device Features
 Base station Infrastructure/RFID
 Commercial/Industrial/Military wireless system
Applications
Applications Circuit
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 5 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Parameter
Frequency
Unit
900
1900
2140
2450
3500
MHz
Gain
19.0
14.0
13.0
12.0
9.8
dB
S11
-19.5
-22.0
-26.0
-23.5
-18.0
dB
S22
-26.0
-21.0
-17.5
-17.0
-15.0
dB
OIP3
2
34.5
36.0
36.0
35.5
36.0
dBm
P1dB
21.0
21.5
21.5
22.0
21.0
dBm
Noise Figure
0.70
0.88
0.91
0.94
1.44
dB
Min.
Typical
Max.
Unit
Bandwidth
5
4000
MHz
IC @ (Vc = 5V)
38
48
58
mA
VC
5.0
V
RTH
41
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+6.0
Supply Current
mA
200
Input RF Power
dBm
30
Operation of this device above any of these parameters may result in permanent damage.
Rev. C
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
*external matching circuit: refer to the page 5 to 13.
RF Choke
RF In
RF Out
Vcc
BL051
DC
Block
Bypass
DC
Block


Similar Part No. - BL051

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL051 BEREX-BL051 Datasheet
720Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
logo
SHANGHAI BELLING CO., L...
BL0510 BELLING-BL0510 Datasheet
54Kb / 1P
General Infrared Ray Remote Control Receiver
More results

Similar Description - BL051

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL011 BEREX-BL011 Datasheet
727Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051 Datasheet
720Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
737Kb / 12P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_14 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_15 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_18 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL082 BEREX-BL082_18 Datasheet
1Mb / 26P
5-4000 MHz Wideband Low Nosie Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com