Electronic Components Datasheet Search
  English  ▼

X  

BT05CV Datasheet(PDF) 3 Page - BeRex Corporation

Part # BT05CV
Description  5-4000 MHz Wideband Drive Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05CV Datasheet(HTML) 3 Page - BeRex Corporation

  BT05CV Datasheet HTML 1Page - BeRex Corporation BT05CV Datasheet HTML 2Page - BeRex Corporation BT05CV Datasheet HTML 3Page - BeRex Corporation BT05CV Datasheet HTML 4Page - BeRex Corporation BT05CV Datasheet HTML 5Page - BeRex Corporation BT05CV Datasheet HTML 6Page - BeRex Corporation BT05CV Datasheet HTML 7Page - BeRex Corporation BT05CV Datasheet HTML 8Page - BeRex Corporation BT05CV Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.337
-176.993
14.904
167.360
0.041
-2.138
0.045
-150.827
500
0.482
173.684
12.408
122.325
0.042
-9.903
0.130
-166.023
1000
0.601
141.786
8.920
79.312
0.045
-24.247
0.192
153.711
1500
0.635
111.242
6.659
46.287
0.046
-38.801
0.201
124.357
2000
0.640
80.507
5.343
16.028
0.049
-54.092
0.174
97.447
2500
0.641
47.530
4.482
-13.531
0.051
-72.149
0.119
51.320
3000
0.667
10.847
3.774
-43.042
0.051
-93.463
0.147
-12.993
3500
0.706
-24.872
3.048
-71.311
0.047
-113.838
0.258
-52.979
4000
0.744
-56.383
2.650
-97.173
0.047
-134.880
0.358
-75.184
WCDMA 6FA 2140 -55dBc
5-4000 MHz Wideband Drive Amplifier
BT05CV
S-Parameter
(Vdevice = 5.0V, Icc = 83mA, T = 25 °C, calibrated to device leads)
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com