Electronic Components Datasheet Search
  English  ▼

X  

BT09VG Datasheet(PDF) 14 Page - BeRex Corporation

Part # BT09VG
Description  5-4000 MHz Wideband Medium Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT09VG Datasheet(HTML) 14 Page - BeRex Corporation

Back Button BT09VG Datasheet HTML 9Page - BeRex Corporation BT09VG Datasheet HTML 10Page - BeRex Corporation BT09VG Datasheet HTML 11Page - BeRex Corporation BT09VG Datasheet HTML 12Page - BeRex Corporation BT09VG Datasheet HTML 13Page - BeRex Corporation BT09VG Datasheet HTML 14Page - BeRex Corporation BT09VG Datasheet HTML 15Page - BeRex Corporation BT09VG Datasheet HTML 16Page - BeRex Corporation BT09VG Datasheet HTML 17Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Application Circuit: 3500MHz
Typical Performance
5-4000 MHz Wideband Medium Power Amplifier
BT09VG
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C
Schematic Diagram
BOM
Tolerance
C1
100pF
±5%
C2
1000pF
±5%
C3
10uF
±20%
C4
22pF
±5%
C5
22pF
±5%
C6
0.5pF
±5%
C7
0.5pF
±5%
L1
33nH
±5%
Note:
1. PCB: 31mil thick FR4.
2. Distance between the center of the series cap(C7)
and the input pin of BT09VG _ 2.5mm.
3. Distance between the center of the shunt cap(C6)
and the input pin of BT09VG _ 8.5mm.
BT013
B
B
B
10uF
1000 pF
100 pF
33nH
22pF
22pF
BT09VG
100pF
0.5pF
0.5pF
C4
L1
RFin
RFout
+5V
C5
BT09VG
C3
C1
C2
C6
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com