Electronic Components Datasheet Search
  English  ▼

X  

BT013 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BT013
Description  1500-4000 MHz Medium Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT013 Datasheet(HTML) 3 Page - BeRex Corporation

  BT013 Datasheet HTML 1Page - BeRex Corporation BT013 Datasheet HTML 2Page - BeRex Corporation BT013 Datasheet HTML 3Page - BeRex Corporation BT013 Datasheet HTML 4Page - BeRex Corporation BT013 Datasheet HTML 5Page - BeRex Corporation BT013 Datasheet HTML 6Page - BeRex Corporation BT013 Datasheet HTML 7Page - BeRex Corporation BT013 Datasheet HTML 8Page - BeRex Corporation BT013 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
S-Parameter
(Vdevice = 5.0V, Icc = 135mA, T = 25 °C, calibrated to device leads)
1500-4000 MHz Medium Power Amplifier
BT013
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
-0.046
-30.149
2.219
-128.4
-41.958
66.107
-3.497
165.97
500
-0.952
-116.77
6.737
-174.18
-32.703
25.318
-3.457
162.64
1000
-1.111
-162.01
13.26
161.56
-32.513
76.255
-7.557
117.5
1500
-0.928
157.99
10.718
121.35
-30.171
46.516
-7.780
127.17
2000
-1.240
129.31
9.181
101.55
-28.599
42.527
-7.262
116.25
2500
-1.390
104.6
8.334
81.201
-26.76
37.808
-7.180
97.537
3000
-1.669
82.694
6.491
66.725
-26.706
32.623
-7.38
74.648
3500
-1.989
60.455
6.124
51.795
-25.792
26.141
-7.336
50.666
4000
-2.281
37.752
5.024
33.795
-24.653
20.698
-6.823
32.131
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com