Electronic Components Datasheet Search
  English  ▼

X  

HMC643 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC643
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC643 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC643 Datasheet HTML 1Page - Hittite Microwave Corporation HMC643 Datasheet HTML 2Page - Hittite Microwave Corporation HMC643 Datasheet HTML 3Page - Hittite Microwave Corporation HMC643 Datasheet HTML 4Page - Hittite Microwave Corporation HMC643 Datasheet HTML 5Page - Hittite Microwave Corporation HMC643 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
3 - 23
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Input Power (RFIN)
27 dBm (T= +85 °C)
Channel Temperature (Tc)
150 °C
Thermal Resistance
(channel to die bottom)
130 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Truth Table
Control Voltage
State
Bias Condition
Low (0)
-2.5 to -3.5V @ 0.4 μA Typ.
High (1)
0 to +0.3V @ 0.4 μA Typ.
Control Voltage Input
Phase Shift
(Degrees)
RFIN - RFOUT
Bit 1
Bit 2
Bit 3
Bit 3
Bit 4
Bit 4
Bit 5
Bit 5
Bit 6
Bit 6
0
0
01010101
Reference*
1
0
01010101
5.625
0
1
01010101
11.25
0
0
10010101
22.5
0
0
01100101
45.0
0
0
01011001
90.0
0
0
01010110
180.0
1
1
10101010
354.375
Any combination of the above states will provide a phase shift approximately equal to the sum of the bits selected.
*Reference corresponds to monotonic setting
Phase Error vs. State
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 9 - 12 GHz
v01.0707
HMC643
-20
-15
-10
-5
0
5
10
15
20
0
45
90
135
180
225
270
315
360
STATE (degrees)
9 GHz
9.5, 10, 10.5, 11, 11.5, 12 GHz
Pad Number
Function
Description
Interface Schematic
1, 3, 4, 6
GND
These pads and die bottom
must be connected to RF/DC ground.
2
RFIN
This port is DC coupled and matched to 50 Ohms.
5
RFOUT
This port is DC coupled and matched to 50 Ohms.
7, 9,
11, 15
BIT6, BIT4
BIT3, BIT5
Inverted Control Input. See truth table
and control voltage tables.
8, 10, 12,
13, 14, 16
BIT6, BIT4, BIT3,
BIT2, BIT1, BIT5
Non-Inverted Control Input. See truth table
and control voltage tables.
Pad Descriptions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com