Electronic Components Datasheet Search
  English  ▼

X  

HMC648LP6 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC648LP6
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC648LP6 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC648LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC648LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC648LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC648LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC648LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC648LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC648LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC648LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 46
Relative Phase Shift,
RMS, Average, Max, All States
Input IP3, Major States Only
Input IP2, Major States Only
Input P1dB, Major States Only
RMS Phase Error vs. Temperature
Insertion Loss vs. Temperature,
Major States Only
10
15
20
25
30
35
40
2.9
3.1
3.3
3.5
3.7
3.9
FREQUENCY (GHz)
60
70
80
90
100
110
120
2.9
3.1
3.3
3.5
3.7
3.9
FREQUENCY (GHz)
-12
-10
-8
-6
-4
-2
0
2.9
3.1
3.3
3.5
3.7
3.9
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
2.9
3.1
3.3
3.5
3.7
3.9
+25C
+85C
-40C
FREQUENCY (GHz)
30
35
40
45
50
55
60
2.9
3.1
3.3
3.5
3.7
3.9
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
2.9
3.1
3.3
3.5
3.7
3.9
RMS
AVERAGE
MAX
FREQUENCY (GHz)
HMC648LP6 / 648LP6E
v03.1109
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 2.9 - 3.9 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com