Electronic Components Datasheet Search
  English  ▼

X  

648LP6E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 648LP6E
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

648LP6E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  648LP6E Datasheet HTML 1Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 2Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 3Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 4Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 5Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 6Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 7Page - Hittite Microwave Corporation 648LP6E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 44
HMC648LP6 / 648LP6E
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 2.9 - 3.9 GHz
v03.1109
General Description
Features
Functional Diagram
The HMC648LP6(E) is a 6-bit digital phase shifter
which is rated from 2.9 - 3.9 GHz, providing 360
degrees of phase coverage, with a LSB of 5.625
degrees. The HMC648LP6(E) features very low RMS
phase error of 1.2 degrees and extremely low inser-
tion loss variation of ±0.5 dB across all phase states.
This high accuracy phase shifter is controlled with
positive control logic of 0/+5V. The HMC648LP6(E) is
housed in a compact 6x6 mm plastic leadless SMT
package and is internally matched to 50 Ohms with no
external components.
Low RMS Phase Error: 1.2°
Low Insertion Loss: 5 dB
High Linearity: +45 dBm
Positive Control Logic
360° Coverage, LSB = 5.625°
28 Lead 6x6mm SMT Package: 36mm2
Typical Applications
The HMC648LP6(E) is ideal for:
• EW Receivers
• Weather & Military Radar
• Satellite Communications
• Beamforming Modules
• Phase Cancellation
Parameter
Min.
Typ.
Max.
Units
Frequency Range
2.9
3.9
GHz
Insertion Loss*
58
dB
Input Return Loss*
16
dB
Output Return Loss*
17
dB
Phase Error*
±5
+10 / -15
deg
RMS Phase Error
1.2
deg
Insertion Loss Variation*
±0.5
dB
Input Power for 1 dB Compression
31
dBm
Input Third Order Intercept
45
dBm
Control Voltage Current
35
250
μA
Bias Control Current
515
mA
*Note: Major States Shown
Electrical Specifications
T
A = +25° C, Vss= -5V, Vdd= +5V , Control Voltage= 0/ +5V, 50 Ohm System


Similar Part No. - 648LP6E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
648 LITTELFUSE-648 Datasheet
113Kb / 1P
MINIATURE FUSEHOLDERS
648 LITTELFUSE-648 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
AG Electronica
648-0402211-A01 AGELECTRONICA-648-0402211-A01 Datasheet
234Kb / 1P
ADAPTADOR DE ENCAPSULADO TSOP40 A DIP40
01/03/2021
logo
Enable Engineering Co.,...
648-589 UNBRANDED-648-589 Datasheet
21Kb / 1P
Mouse Mats
648-590 UNBRANDED-648-590 Datasheet
21Kb / 1P
Mouse Mats
More results

Similar Description - 648LP6E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC648LP6 HITTITE-HMC648LP6 Datasheet
297Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC649 HITTITE-HMC649 Datasheet
307Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC648 HITTITE-HMC648_09 Datasheet
197Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC648ALP6E AD-HMC648ALP6E Datasheet
573Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com