Electronic Components Datasheet Search
  English  ▼

X  

HMC649LP6 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC649LP6
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC649LP6 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC649LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC649LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC649LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC649LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC649LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC649LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC649LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC649LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9
9 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC649LP6 / 649LP6E
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 3 - 6 GHz
v02.0308
General Description
Features
Functional Diagram
The HMC649LP6(E) is a 6-bit digital phase shifter
which is rated from 3 - 6 GHz, providing 360 degrees
of phase coverage, with a LSB of 5.625 degrees. The
HMC649LP6(E) features very low RMS phase error
of 3 degrees and extremely low insertion loss vari-
ation of ±0.5 dB across all phase states. This high
accuracy phase shifter is controlled with positive
control logic of 0/+5V. The HMC649LP6(E) is housed
in a compact 6x6 mm plastic leadless SMT package
and is internally matched to 50 Ohms with no external
components.
Low RMS Phase Error: 3°
Low Insertion Loss: 8 dB
High Linearity: +44 dBm
Positive Control Logic
360° Coverage, LSB = 5.625°
28 Lead QFN Leadless SMT Package: 36mm2
Typical Applications
The HMC649LP6(E) is ideal for:
• EW Receivers
• Weather & Military Radar
• Satellite Communications
• Beamforming Modules
• Phase Cancellation
Parameter
Min.
Typ.
Max.
Units
Frequency Range
3
6
GHz
Insertion Loss*
810.5
dB
Input Return Loss*
13
dB
Output Return Loss*
10
dB
Phase Error*
±5
+15 / -25
deg
RMS Phase Error
3deg
Insertion Loss Variation*
±0.5
dB
Input Power for 1 dB Compression
29
dBm
Input Third Order Intercept
44
dBm
Control Voltage Current
35
250
μA
Bias Voltage Current
515
mA
*Note: Major States Shown
Electrical Specifications
T
A = +25° C, Vss= -5V, Vdd= +5V , Control Voltage= 0/ +5V, 50 Ohm System


Similar Part No. - HMC649LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6E HITTITE-HMC649LP6E Datasheet
349Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
More results

Similar Description - HMC649LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC643LC5 HITTITE-HMC643LC5 Datasheet
455Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC649 HITTITE-HMC649 Datasheet
307Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC648 HITTITE-HMC648_09 Datasheet
197Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC648LP6 HITTITE-HMC648LP6_09 Datasheet
239Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC1133LP5E AD-HMC1133LP5E Datasheet
591Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 4.8 - 6.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com