Electronic Components Datasheet Search
  English  ▼

X  

2900313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2900313
Description  PLC-RPIT- 24DC/ 1AU/SEN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2900313 Datasheet HTML 1Page - PHOENIX CONTACT 2900313 Datasheet HTML 2Page - PHOENIX CONTACT 2900313 Datasheet HTML 3Page - PHOENIX CONTACT 2900313 Datasheet HTML 4Page - PHOENIX CONTACT 2900313 Datasheet HTML 5Page - PHOENIX CONTACT 2900313 Datasheet HTML 6Page - PHOENIX CONTACT 2900313 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 7
http://www.phoenixcon.com
Aug 24, 2011
Extract from the online
catalog
 
PLC-RPIT- 24DC/ 1AU/SEN
Order No.: 2900313
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2900313
 
 
PLC sensor interface, consisting of PLC-BPIT...SEN basic terminal
block with Push-In connection and pluggable miniature relay with
multi-layer contact, for assembly on DIN rail NS 35/7.5, 1 N/O contact,
input voltage 24 V DC
 
Commercial data
GTIN (EAN)
4
046356
510011
sales group
G226
Pack
10 pcs.
Customs tariff
85364190
Catalog page information
Page 90 (IF-2011)
Product notes
WEEE/RoHS-compliant since:
04/08/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Coil side
Nominal input voltage UN
24 V DC
Nominal input current at UIN
9 mA
Typical response time
5 ms


Similar Part No. - 2900313

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
290031 EATON-290031 Datasheet
1Mb / 36P
Surge Protection
logo
PHOENIX CONTACT
2900310 PHOENIX-2900310 Datasheet
87Kb / 6P
Relay Module - PLC-RPT-120UC/21AU
2900311 PHOENIX-2900311 Datasheet
87Kb / 6P
Relay Module - PLC-RPT-230UC/21AU
2900312 PHOENIX-2900312 Datasheet
169Kb / 7P
PLC-RPIT- 24DC/ 1/ACT
2900314 PHOENIX-2900314 Datasheet
174Kb / 7P
PLC-RPIT-120UC/ 1AU/SEN
More results

Similar Description - 2900313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900312 PHOENIX-2900312 Datasheet
169Kb / 7P
PLC-RPIT- 24DC/ 1/ACT
2900314 PHOENIX-2900314 Datasheet
174Kb / 7P
PLC-RPIT-120UC/ 1AU/SEN
2900358 PHOENIX-2900358 Datasheet
145Kb / 6P
PLC-OPIT- 24DC/ 48DC/100/SEN
2900315 PHOENIX-2900315 Datasheet
92Kb / 6P
Relay Module - PLC-RPT-230UC/ 1AU/SEN
2966223 PHOENIX-2966223 Datasheet
84Kb / 5P
Relay Module - PLC-RSC- 24DC/ 1/SEN
2966317 PHOENIX-2966317 Datasheet
98Kb / 6P
Relay Module - PLC-RSC- 24DC/ 1AU/SEN
2966320 PHOENIX-2966320 Datasheet
98Kb / 6P
Relay Module - PLC-RSC-120UC/ 1AU/SEN
2966333 PHOENIX-2966333 Datasheet
96Kb / 6P
Relay Module - PLC-RSC-230UC/ 1AU/SEN
2980759 PHOENIX-2980759 Datasheet
62Kb / 2P
Relay Module - PLC-RSC- 48DC/ 1AU/SEN
2900262 PHOENIX-2900262 Datasheet
447Kb / 14P
Relay base - PLC-BPT- 24DC/ 1/SEN
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com