Electronic Components Datasheet Search
  English  ▼

X  

HMC660LC4B Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC660LC4B
Description  0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC660LC4B Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC660LC4B Datasheet HTML 14Page - Hittite Microwave Corporation HMC660LC4B Datasheet HTML 15Page - Hittite Microwave Corporation HMC660LC4B Datasheet HTML 16Page - Hittite Microwave Corporation HMC660LC4B Datasheet HTML 17Page - Hittite Microwave Corporation HMC660LC4B Datasheet HTML 18Page - Hittite Microwave Corporation HMC660LC4B Datasheet HTML 19Page - Hittite Microwave Corporation HMC660LC4B Datasheet HTML 20Page - Hittite Microwave Corporation HMC660LC4B Datasheet HTML 21Page - Hittite Microwave Corporation HMC660LC4B Datasheet HTML 22Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
6
6 - 22
0.02 - 4.5 GHz WIDEBAND,
3 GS/s TRACK-AND-HOLD AMPLIFIER
v02.1208
HMC660LC4B
Product Application Circuits
Direct Conversion Receiver Track-and-Hold Amplifier Application
Generic Software Radio Track-and-Hold Amplifier Application
HMC398QS16G
VCO w/ Divide-by-8
• 14 - 15 GHz
• +6 dBm Output Power
• Low Phase Noise
-75 dBc/Hz @ 10 kHz
HMC660LC4B
Track-and-Hold Amplifier
• 0.02 - 4.5 GHz
• -66/67 dB Single Tone THD/SFDR
• 3.0 GS/s Max. Clock Rate
• 0.95 mV RMS Output Noise
• >60 dB Hold Mode
Feedthrough Rejection
HMC547LP3
Hi-Isolation SPDT
• DC - 20 GHz
• +18 dB Insertion Loss
• 47 dB Isolation
• 23 dBm Input P1dB
• Fast Switching
HMC523LC4
I/Q Mixer / IRM
• 15 - 23.6 GHz RF/LO
• 25 dB Image Rejection
• -8 dB Conversion Gain
• +25 dBm Input IP3
• DC - 3.5 GHz IF
HMC660LC4B
Track-and-Hold Amplifier
• 0.02 - 4.5 GHz
• -66/67 dB Single Tone THD/SFDR
• 3.0 GS/s Max. Clock Rate
• 0.95 mV RMS Output Noise
• >60 dB Hold Mode
Feedthrough Rejection
HMC311LP3
HBT Gain Block
• 14.5 dB Gain
• 4.5 dB Noise Figure
• +15 dBm P1dB
HMC460
LNA, DC - 20 GHz
• 2.5 dB Noise Figure
• 14 dB Gain
• +16 dBm P1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com