Electronic Components Datasheet Search
  English  ▼

X  

HMC668LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC668LP3
Description  GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC668LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC668LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC668LP3 / 668LP3E
GaAs PHEMT MMIC LNA w/
FAILSAFE BYPASS MODE, 700 - 1200 MHz
v03.0610
General Description
Features
Functional Diagram
The HmC668lp3(e) is a versatile, high dynamic range
GaAs mmiC low Noise Amplifier that integrates a low
loss lNA bypass mode on the iC. The amplifier is ide-
al for receivers and lNA modules operating between
0.7 and 1.2 GHz and provides 0.9 dB noise figure,
16 dB of gain and +33 dBm ip3 from a single supply
of +5V @ 57mA. input and output return losses are
excellent and no external matching components are
required. A single control line is used to switch be-
tween lNA mode and a low loss bypass mode. The
failsafe topology enables the lNA bypass path, when
no DC power is available. The HmC668lp3(e) offers
improved noise figure versus the previously released
HmC373lp3(e).
Noise figure: 0.9 dB
output ip3: +33 dBm
Gain: 16 dB
failsafe operation:
Bypass is enabled when lNA is unpowered
single supply: +3V or +5V
16 lead 3x3mm QfN package: 9 mm2
Typical Applications
The HmC668lp3(e) is ideal for:
• Cellular/3G and lTe/wimAX/4G
• BTs & infrastructure
• repeaters and femtocells
• Tower mounted Amplifiers
• Test & measurement equipment
Electrical Specifications, T
A = +25° C, Rbias = 0 Ohm
parameter
lNA mode
Bypass mode
failsafe mode
Units
Vdd = +3V
Vdd = +5V
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
frequency range
0.7 - 1.2
0.7 - 1.2
0.7 - 1.2
0.7 - 1.2
GHz
Gain
12
15
13
16
-2.5
-1.5
-2.5
-1.5
dB
Gain Variation over Temperature
0.03
0.016
0.0008
0.0008
dB / °C
Noise figure
0.85
1.1
0.9
1.1
dB
input return loss
12
13
12
12
dB
output return loss
13
14
13
13
dB
reverse isolation
22
23
-
-
dB
power for 1dB Compression
(p1dB)[1]
13
13
22
24
dBm
Third order intercept (ip3)[2]
27
33
26
26
dBm
supply Current (idd)
32
40
57
70
0.05
-
mA
switching speed (90% -10%)
lNA mode to Bypass mode
Bypass mode to lNA mode
200
-
ns
ns
85
85
[1] p1dB for lNA mode is referenced to rfoUT while p1dB for Bypass and failsafe modes are referenced to rfiN.
[2] ip3 for lNA mode is referenced to rfoUT while ip3 for Bypass and failsafe modes are referenced to rfiN.


Similar Part No. - HMC668LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
HMC661LC4B AD-HMC661LC4B Datasheet
875Kb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER DC - 18 GHz
v03.0615
More results

Similar Description - HMC668LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC372LP3 HITTITE-HMC372LP3 Datasheet
277Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC669LP3 HITTITE-HMC669LP3 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 1700 - 2200 MHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com