Electronic Components Datasheet Search
  English  ▼

X  

HMC677LP5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC677LP5
Description  6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC677LP5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC677LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5
5 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Serial Control Interface
Parallel Mode (Direct Parallel Mode & Latched Parallel Mode)
The HMC677LP5(E) contains a 3-wire SPI compatible digital interface (DATA, CLK, LE). It is activated when P/S
is kept high. The 6-bit serial word must be loaded MSB first. The positive-edge sensitive CLK and LE requires
clean transitions. Standard logic families work well. When LE is high, 6-bit data in the serial input register is transferred
to the outputs. When LE is high CLK is masked to prevent data transition during output loading.
When P/S is low, 3-wire SPI interface inputs (DATA, CLK, LE) are disabled and the serial input register is loaded
asynchronously with parallel digital inputs (I0-I5). When LE is high, 6-bit parallel data is transferred.
For all modes of operations, the outputs will stay constant while LE is kept low.
Note: The parallel mode is enabled when P/S is set to low.
Direct Parallel Mode - Outputs are changed by the Control Voltage Inputs directly. The LE (Latch Enable) must be at
a logic high to control in this manner.
Latched Parallel Mode - Outputs are selected using the Control Voltage Inputs and set while the LE is in the Low
state. This will not change state while LE is Low. Once all Control Voltage Inputs are at the desired states the LE is
pulsed. See timing diagram above for reference.
Timing Diagram (Latched Parallel Mode)
HMC677LP5 / 677LP5E
v05.0810
6-Bit SERIAL/PARALLEL SWITCH
DRIVER/CONTROLLER
Parameter
Typ.
Min. serial period, t
SCK
100 ns
Control set-up time, t
CS
20 ns
Control hold-time, t
CH
20 ns
LE setup-time, t
LN
10 ns
Min. LE pulse width, t
LEW
10 ns
Min LE pulse spacing, t
LES
630 ns
Serial clock hold-time from LE, t
CKN
10 ns
Hold Time, t
PH.
0 ns
Latch Enable Minimum Width, t
LEN
10 ns
Setup Time, t
PS
2 ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com