Electronic Components Datasheet Search
  English  ▼

X  

HMC686LP4 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC686LP4
Description  BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC686LP4 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC686LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 12Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 13Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 14Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 10
HMC686LP4 / 686LP4E
v05.0509
BiCMOS MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1500 MHz
1.4 - 1.5 GHz RF LTE Band Performance [1]
-12
-11
-10
-9
-8
-7
-6
1.2
1.3
1.4
1.5
1.6
1.7
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
28
29
30
31
32
33
34
35
1.2
1.3
1.4
1.5
1.6
1.7
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
Upconverter Performance
Conversion Gain vs. LO Drive [2]
Upconverter Performance
Input IP3 vs. LO Drive [2] [3]
Harmonics of LO [4]
MxN Spurious @ IF Port [4]
nLO
mrF
0
1
2
3
4
0
xx
41
17
31
40
1
26
0
28
17
46
2
52
50
50
62
58
3
80
66
87
71
87
4
98
97
98
97
98
rF Freq. = 0.9 GHz @ 0 dBm
LO Freq. = 1.0 GHz @ 0 dBm
All values in dBc below iF power level (-1rF + 1LO).
nLO spur @ rF Port
LO Freq. (GHz)
1
2
3
4
0.75
28
40
40
39
0.85
25
34
60
33
0.95
23
29
32
31
1.05
23
28
36
26
1.15
26
23
38
34
1.25
33
19
44
34
1.35
39
18
39
38
LO = 0 dBm
All values in dBc below input LO level measured at rF port
Typical Supply Current vs. Vcc
Vcc1,2,3 (V)
icc Total (mA)
4.75
100
5.00
105
5.25
110
Product will operate over full voltage range shown above.
Absolute Maximum Ratings
rF / iF input (Vcc1,2,3 = +5V)
+23 dBm
LO Drive (Vcc1,2,3 = +5V)
+10 dBm
Vcc1,2,3
+5.5V
Channel Temperature
125 °C
Continuous Pdiss (T = 85°C)
(derate 19 mW/°C above 85°C)
0.76 W
Thermal resistance
(channel to ground paddle)
52 °C/W
storage Temperature
-65 to 150 °C
Operating Temperature
-40 to +85 °C
eLeCTrOsTATiC seNsiTiVe DeViCe
OBserVe HANDLiNG PreCAUTiONs
[1] see 1.4 - 1.5 GHz rF LTe Band evaluation PCB
and schematic.
[2] G_Bias = +2.5V, iF = 140 MHz
[3] Two-tone input power = +9 dBm each tone,
1 MHz spacing
[4] see 0.7 - 1.1 GHz rF Band evaluation PCB
and schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com